Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72334J2T1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST72334J2T1
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72334J2T1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST72334J2T1 Datasheet HTML 35Page - STMicroelectronics ST72334J2T1 Datasheet HTML 36Page - STMicroelectronics ST72334J2T1 Datasheet HTML 37Page - STMicroelectronics ST72334J2T1 Datasheet HTML 38Page - STMicroelectronics ST72334J2T1 Datasheet HTML 39Page - STMicroelectronics ST72334J2T1 Datasheet HTML 40Page - STMicroelectronics ST72334J2T1 Datasheet HTML 41Page - STMicroelectronics ST72334J2T1 Datasheet HTML 42Page - STMicroelectronics ST72334J2T1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 125 page
background image
ST72334J/N, ST72314J/N, ST72124J
39/125
POWER SAVING MODES (Cont’d)
Standard HALT mode
In this mode the main oscillator is turned off caus-
ing all internal processing to be stopped, including
the operation of the on-chip peripherals. All periph-
erals are not clocked except the ones which get
their clock supply from another clock generator
(such as an external or auxiliary oscillator).
The compatibility of Watchdog operation with Halt
mode is configured by the “WDGHALT” option bit
of the OPTION BYTE. The HALT instruction when
executed while the Watchdog system is enabled,
can generate a Watchdog RESET (see dedicated
section for more details).
When exiting HALT mode by means of a RESET
or an interrupt, the oscillator is immediately turned
on and the 4096 CPU cycle delay is used to stabi-
lize the oscillator.
Specific ACTIVE-HALT mode
As soon as the interrupt capability of the main os-
cillator is selected (OIE bit set), the HALT instruc-
tion will make the device enter a specific ACTIVE-
HALT power saving mode instead of the standard
HALT one.
This mode consists of having only the main oscil-
lator and its associated counter running to keep a
wake-up time base. All other peripherals are not
clocked except the ones which get their clock sup-
ply from another clock generator (such as external
or auxiliary oscillator).
The safeguard against staying locked in this AC-
TIVE-HALT mode is insured by the oscillator inter-
rupt.
Note: As soon as the interrupt capability of one of
the oscillators is selected (OIE bit set), entering in
ACTIVE-HALT mode while the Watchdog is active
does not generate a RESET.
This means that the device cannot to spend more
than a defined delay in this power saving mode.
Figure 29. HALT modes flow-chart
HALT INSTR UCTION
OSCILLATOR
1
0
CPU
OSCILLATOR
PERIPH ERALS
I BIT
ON
OFF
0
OFF
Notes:
OIE BIT
CPU
OSCILLATOR
PERIPHERAL S
I BIT
OFF
OFF
0
OFF
RESET
EXTE RNAL*
Y
N
N
Y
CPU
OSCILLATOR
PERIP HERALS
ON
OFF
OFF
INTERRUP T
HALT
ACTIV E-HALT
MAIN
FETCH RESET VECTOR
OR SERVICE INTERRUPT **
4096 clock cycles delay
CPU
OSCILLATOR
PERIPH ERALS
ON
ON
ON
External interrupt or internal interrupts with Exit from Halt Mode capability
*
** Before servicing an interrupt, the CC register is pushed on the stack.
WAT CHDOG
Y
N
ENABLE
If WDGHA LT
bit reset in
OPTION BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com