Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMW007 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # AMW007
Description  This document provides information on the AMW007 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW007 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button AMW007 Datasheet HTML 9Page - Silicon Laboratories AMW007 Datasheet HTML 10Page - Silicon Laboratories AMW007 Datasheet HTML 11Page - Silicon Laboratories AMW007 Datasheet HTML 12Page - Silicon Laboratories AMW007 Datasheet HTML 13Page - Silicon Laboratories AMW007 Datasheet HTML 14Page - Silicon Laboratories AMW007 Datasheet HTML 15Page - Silicon Laboratories AMW007 Datasheet HTML 16Page - Silicon Laboratories AMW007 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
WLAN RF Specifications, Section 4
AMW007 Datasheet
ADS-MW007-105R • Data Sheet
April 4, 2018
© 2016-2018 Zentri http://www.zentri.com
Page | 7
4.2 WLAN Specifications
Table 8. WLAN Receiver Performance Specifications
Parameter
Condition/Notes
Min
Typical
Max
Unit
Frequency Range
–
2412
–
2484
MHz
Operating Temperature1
–
-40
–
+85
°C
Receive Sensitivity2
(8% PER for 1024 octet PSDU)
at either antenna port
1 Mbps DSSS
–
-98
–
dBm
11 Mbps CCK
–
-91
–
Receive Sensitivity2
(10% PER for 1000 octet
PSDU) at antenna port
6 Mbps OFDM
–
-93
–
dBm
54 Mbps OFDM
–
-75
–
Receive Sensitivity2
(10% PER for 4096 octet
PSDU) at either antenna port.
6.5 Mbps MCS0, HT20
65 Mbps MCS7, HT20
–
–
-85
-72
–
–
dBm
Transmit power @ 72.2Mbps
14
15
16
dBm
Transmit power @ 1MBps
18
19
20
dBm
Notes:
1. Operation below -20°C and above +65°C with parameter derating per Note 2
2. Derate receive sensitivity by 1.5dB for operation between temperatures of -40°C to -20°C and 65°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com