Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMW007 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # AMW007
Description  This document provides information on the AMW007 802.11b/g/n Wi-Fi networking module from Zentri.
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW007 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button AMW007 Datasheet HTML 17Page - Silicon Laboratories AMW007 Datasheet HTML 18Page - Silicon Laboratories AMW007 Datasheet HTML 19Page - Silicon Laboratories AMW007 Datasheet HTML 20Page - Silicon Laboratories AMW007 Datasheet HTML 21Page - Silicon Laboratories AMW007 Datasheet HTML 22Page - Silicon Laboratories AMW007 Datasheet HTML 23Page - Silicon Laboratories AMW007 Datasheet HTML 24Page - Silicon Laboratories AMW007 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Design Guidelines, Section 6
AMW007 Datasheet
ADS-MW007-105R • Data Sheet
April 4, 2018
© 2016-2018 Zentri http://www.zentri.com
Page | 15
6.8 Application Examples
Operation using ZentriOS
Each AMW007 module is pre-installed with and li-
censed to use ZentriOS-WL, Zentri’s feature-rich and
reliable Wi-Fi networking application. The module can
be used with an external host microcontroller via the
serial interface command API.
For more details see https://docs.zentri.com/zentrios.
To use ZentriOS with a host processor, the module only
requires an external connection to power and a UART
serial interface. A host processor connects to the UART
(pins 7/8) as shown in Figure 12. Zentri recommends
UART hardware flow control (RTS/CTS) is used to im-
prove the reliability of data communications.
GPIO0 is the default factory reset pin. In order for the
module to boot normally (and avoid factory reset), the
GPIO0 pin must be pulled or driven to ground during a
reset. A 100k pull down resistor on this pin is recom-
mended.
The CHIP_EN pin must be pulled to 3V3 to enable ZentriOS
to boot. A 100k pull up resistor is recommended if this pin
is not driven by an external host MCU.
The WAKE pin is an output from the module, and may be
used to wake the module from deep sleep. Connect WAKE
to RESET_N using a 1k resistor to enable sleep/wake func-
tionality. This connection is not required if sleep/wake
functionality is not used, or a host MCU has explicit control
of the RESET_N pin.
Hardware Design Guidelines
For hardware design guidelines, see:
Zentri online documentation, AMWx06 Hardware Design
The general guidelines for the AMWx06 devices apply to
all Zentri devices.
Pin numbers should be adjusted for actual device used.
Figure 12. Using the AMW007 Module running ZentriOS and a UART serial interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com