Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLE121LR Datasheet(PDF) 13 Page - Silicon Laboratories

Part # BLE121LR
Description  Renamed "Bluetooth Smart" to "Bluetooth Low Energy" according to the official Bluetooth SIG nomenclature
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

BLE121LR Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button BLE121LR Datasheet HTML 9Page - Silicon Laboratories BLE121LR Datasheet HTML 10Page - Silicon Laboratories BLE121LR Datasheet HTML 11Page - Silicon Laboratories BLE121LR Datasheet HTML 12Page - Silicon Laboratories BLE121LR Datasheet HTML 13Page - Silicon Laboratories BLE121LR Datasheet HTML 14Page - Silicon Laboratories BLE121LR Datasheet HTML 15Page - Silicon Laboratories BLE121LR Datasheet HTML 16Page - Silicon Laboratories BLE121LR Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Silicon Labs
Page 13 of 35
Figure 4: BLE121LR TX peak current as a function of hardware.xml TXP setting (Example:
<txpower
power="9" bias="5" />)
4.4.1 Current Consumption When Using TPS62730 DCDC Converter
TPS62730 DCDC converter provides 20% reduction to the peak current drawn from 3.0V supply and 15%
reduction to the peak current drawn from 2.7V supply. This is achieved by converting higher power supply
down to 2.1V supply with a switching mode regulator. The module turns the DCDC on when the processor is
active and off (by-pass mode) when the processor is not active.
Because the TX power of BLE121LR depends on the supply voltage, the TX power is reduced when using
TPS62730 DCDC converter. The reduced TX power in turn reduces the peak current drawn by the module.
Thus when using TPS62730 with BLE121LR from 3.0V supply, the peak current is reduced in total by:
•
~4 mA because of lower TX power
•
-20% because of the switching mode regulator converting from 3.0V down to 2.1V
➔ Peak current drawn from 3.0V supply in total (Max TXP, slow clock enabled):
(36 mA
– 4 mA) * 0.8 = 25.6 mA
4.5 RF Characteristics
Rating
Min
Typ
Max
Unit
Transmit power
8
dBm
Transmit power variation within BT band
1
1.8
dB
Transmit power variation within the
temperature range
+/-1.5
dB
Sensitivity (Default, high gain mode, PER
30.8%)
-98
dBm
Sensitivity (standard gain mode, PER
30.8%) (*
-92
dBm
*) Standard gain mode can be set using an API command. Please refer to the Bluetooth Low Energy Software
API Reference document.
Figure 5: BLE121LR RF characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com