Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT90RHASAC12VCF0.9 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # NT90RHASAC12VCF0.9
Description  Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT90RHASAC12VCF0.9 Datasheet(HTML) 3 Page - DB Lectro Inc

  NT90RHASAC12VCF0.9 Datasheet HTML 1Page - DB Lectro Inc NT90RHASAC12VCF0.9 Datasheet HTML 2Page - DB Lectro Inc NT90RHASAC12VCF0.9 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Safety approvals
Safety approval
UL
T
üV
CCEE
Load
No:40A/250VAC 30A/277VAC
Nc:30A/250VAC 20A/277VAC
2HP 250VAC
TV-5
11/2HP 250VAC
Insulation
B-class
F-class
No 40A/240VAC 14VDC
Nc
30A/240VAC
14VDC
Insulation
B-class
F-class
No 30A/240VAC
Nc 20A/240VAC
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Dimensions
Mounting (Bottom views)
Wiring diagram(Bottom views)
mm
inch
0.5
0.020
0.7
0.027
0.8
0.031
1.1
0.043
1.2
0.047
1.5
0.059
2.1
0.083
2.4
0.094
2.54
0.100
3.3
0.130
3.7
0.146
3.8
0.150
5.3
0.209
7.7
0.303
8.9
0.350
12.5
0.492
14
0.551
15.4
0.606
17
0.669
17.8
0.701
18.4
0.724
20
0.787
22.4
0.882
24.2
0.953
27.6
1.087
30.5
1.201
32.5
1.279
105
www.dblectro.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com