Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT90RHASAC12VCF0.9 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # NT90RHASAC12VCF0.9
Description  Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT90RHASAC12VCF0.9 Datasheet(HTML) 2 Page - DB Lectro Inc

  NT90RHASAC12VCF0.9 Datasheet HTML 1Page - DB Lectro Inc NT90RHASAC12VCF0.9 Datasheet HTML 2Page - DB Lectro Inc NT90RHASAC12VCF0.9 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Coil Parameter
DC Coil Parameter
RATED VOLTAGE
VDC
DASH
NUMBERS
RATED
Max
COIL
RESISTANCE
±10%
PICK UP
VOLTAGE
VDC(max)
(75%of
rated
voltage)
RELEASE
VOLTAGE
VDC(min)
(10%of
rated
voltage)
COIL
POWER
W
Operate
Time
ms
Release
Time
ms
003-900
3
3.9
10
2.25
0.3
005-900
5
6.5
28
3.75
0.5
006-900
6
7.8
40
4.50
0.6
009-900
9
11.7
90
6.75
0.9
012-900
12
15.6
160
9.00
1.2
015-900
15
19.5
250
10.25
1.5
018-900
18
23.4
360
13.50
1.8
024-900
24
31.2
640
18.00
2.4
048-900
48
62.4
2560
36.00
4.8
110-900
110
143
13445
82.50
11.0
0.9
15
10
003-600
3
3.9
15
2.25
0.3
005-600
5
6.5
42
3.75
0.5
006-600
6
7.8
60
4.50
0.6
009-600
9
11.7
135
6.75
0.9
012-600
12
15.6
240
9.00
1.2
015-600
15
19.5
375
10.25
1.5
018-600
18
23.4
540
13.50
1.8
024-600
24
31.2
960
18.00
2.4
048-600
48
62.4
3840
36.00
4.8
110-600
110
143
20167
82.50
11.0
0.6
15
10
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Operation condition
Insulation Resistance
1000M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 1500V
50Hz 2500V
4000V
without Pin 6
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
200m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-55~100
’
-55~125
’
Relative Humidity
85% (at 40
’)
IEC68-2-3 Test Ca
Mass
27g
Open type
30g
NT90 (T90)
www.dblectro.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com