Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F3-R88M-L Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E3F3-R88M-L
Description  Threaded Cylindrical Photoelectric Sensor with Built-in Amplifier for Use as an Optical Proximity Sensor High Noise-immunity with Photo-IC Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F3-R88M-L Datasheet(HTML) 1 Page - Omron Electronics LLC

  E3F3-R88M-L Datasheet HTML 1Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 2Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 3Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 4Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 5Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 6Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 7Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
E3F3 Photoelectric Sensor
1
Photoelectric Sensor
E3F3
Threaded Cylindrical Photoelec-
tric Sensor with Built-in Amplifi-
er for Use as an Optical
Proximity Sensor
High Noise-immunity with
Photo-IC Technology
• Up-to-date photo-IC to increase noise immunity.
• M18 DIN-sized cylindrical housing, ABS resin case.
• Long sensing distance (30 cm) with sensitivity adjus-
tor for diffuse type.
• Short-circuit and reverse connection protection.
<READ AND UNDERSTAND THIS CATALOG>
Please read and understand this catalog before
purchasing the products. Please consult your
OMRON representative if you have any questions or
comments.
Ordering Information
Infrared light
Red light
Sensing
method
Appearance
Connec-
tion meth-
od
Sensing distance
Operating modes
Model
Plastic housing
Metal housing
NPN output PNP output NPN output PNP output
Through-
beam
Pre-wired
Light-ON
E3F3-T11
E3F3-T31
E3F3-T11M E3F3-T31M
M12 CN
E3F3-T16
E3F3-T36
E3F3-T16M E3F3-T36M
Pre-wired
Dark-ON
E3F3-T61
E3F3-T81
E3F3-T61M E3F3-T81M
M12 CN
E3F3-T66
E3F3-T86
E3F3-T66M E3F3-T86M
Retrore-
flective
Pre-wired
Light-ON Non-po-
larized
E3F3-R11
E3F3-R31
E3F3-R11M E3F3-R31M
M12 CN
E3F3-R16
E3F3-R36
E3F3-R16M E3F3-R36M
Pre-wired
Dark-ON
E3F3-R61
E3F3-R81
E3F3-R61M E3F3-R81M
M12 CN
E3F3-R66
E3F3-R86
E3F3-R66M E3F3-R86M
Pre-wired
Light-ON Polarized E3F3-R12
E3F3-R32
E3F3-R12M E3F3-R32M
M12 CN
E3F3-R17
E3F3-R37
E3F3-R17M E3F3-R37M
Pre-wired
Dark-ON
E3F3-R62
E3F3-R82
E3F3-R62M E3F3-R82M
M12 CN
E3F3-R67
E3F3-R87
E3F3-R67M E3F3-R87M
Diffuse
reflective
Pre-wired
Light-ON
E3F3-D11
E3F3-D31
E3F3-D11M E3F3-D31M
M12 CN
E3F3-D16
E3F3-D36
E3F3-D16M E3F3-D36M
Pre-wired
Dark-ON
E3F3-D61
E3F3-D81
E3F3-D61M E3F3-D81M
M12 CN
E3F3-D66
E3F3-D86
E3F3-D66M E3F3-D86M
Pre-wired
Light-ON
E3F3-D12
E3F3-D32
E3F3-D12M E3F3-D32M
M12 CN
E3F3-D17
E3F3-D37
E3F3-D17M E3F3-D37M
Pre-wired
Dark-ON
E3F3-D62
E3F3-D82
E3F3-D62M E3F3-D82M
M12 CN
E3F3-D67
E3F3-D87
E3F3-D67M E3F3-D87M
5 m
3 m
2 m
100 mm
300 mm


Similar Part No. - E3F3-R88M-L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
E3F PHILIPS-E3F Datasheet
334Kb / 2P
VALVE FOR PORTABLE TRANSCEIVERS
logo
Omron Electronics LLC
E3F2 OMRON-E3F2 Datasheet
191Kb / 14P
M18 Cylindrical Photoelectric
E3F2-10B4 OMRON-E3F2-10B4 Datasheet
1Mb / 28P
Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
E3F2-10B4 OMRON-E3F2-10B4 Datasheet
2Mb / 24P
Photoelectric Sensors E3F2
E3F2-10B4-M OMRON-E3F2-10B4-M Datasheet
2Mb / 24P
Photoelectric Sensors E3F2
More results

Similar Description - E3F3-R88M-L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GX-5SU ETC2-GX-5SU Datasheet
803Kb / 16P
Cylindrical Inductive Proximity Sensor Amplifier Built-in
logo
Omron Electronics LLC
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3F2-R4B4-P1 OMRON-E3F2-R4B4-P1 Datasheet
1Mb / 28P
Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
Photoelectric Sensor with Built-in Amplifier
E3Z OMRON-E3Z Datasheet
3Mb / 17P
Compact Photoelectric Sensor with Built-in Amplifier
2019.6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com