Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F3-R88M-L Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3F3-R88M-L
Description  Threaded Cylindrical Photoelectric Sensor with Built-in Amplifier for Use as an Optical Proximity Sensor High Noise-immunity with Photo-IC Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F3-R88M-L Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3F3-R88M-L Datasheet HTML 1Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 2Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 3Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 4Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 5Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 6Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 7Page - Omron Electronics LLC E3F3-R88M-L Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
E3F3 Photoelectric Sensor
3
Engineering Data
Parallel Operating Range (Typical)
Through-beam Models
E3F3-T
@1@/T@6@
Operating Range (Typical)
Retroreflective Models
E3F3-R
@1@/R@6@+E39-R1
Retroreflective Models
E3F3-R
@2@/R@7@+E39-R1
Distance X (m)
Distance X (m)
Distance X (m)
−40
−30
−20
−10
0
10
20
30
40
−10
−5
0
5
10
610
12
4
28
X
Y
Sensor
Emitter
0.5
1
1.5
2
2.5
3
3.5
Y
Sensor
Diffuse-reflective Models
E3F3-D
@1@/D@6@
Diffuse-reflective Models
E3F3-D
@2@/D@7@
Distance (cm)
0
5
10
15
20
25
0.1
1
0.7
0.5
0.3
10
7
5
3
100
70
50
30
Excess Gain Ratio vs. Set Distance (Typical)
Through-beam Models
E3F3-T
@1@/T@6@
Retroreflective Models
E3F3-R
@1@/R@6@+E39-R1
Retroreflective Models
E3F3-R
@2@/R@7@+E39-R1
Distance (m)
Distance (m)
Distance (m)
0.1
1
0.7
0.5
0.3
10
7
5
3
100
70
50
30
0.1
0.7
0.5
0.3
10
100
70
50
30
0
5
10
15
20
25
30
01
2
3
4
5
6
X
Distance (cm)
0
20
40
60
80
100
120
0.1
1
0.7
0.5
0.3
10
7
5
3
100
70
50
30
Distance X (cm)
Diffuse-reflective Models
E3F3-D
@2@/D@7@
-5
-4
-3
-2
-1
0
1
2
3
4
5
20
40
60
80
100
120
Sensor
X
Y
Distance X (cm)
Diffuse-reflective Models
E3F3-D
@1@/D@6@
3
4
5
-5
-4
-3
-2
-1
0
1
2
2
4
6
8
10
12
14
Sensor
X
Y
16
−8
−10
−5
−3
0
3
5
8
10
12
3
4
0.1
1
10
100
012
3
4
Y
Sensor
X



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com