Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAH1602A-RGG-JP Datasheet(PDF) 15 Page - Crystalfontz America, Inc.

Part # CFAH1602A-RGG-JP
Description  The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an instruction register (IR) and a data register (DR).
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAH1602A-RGG-JP Datasheet(HTML) 15 Page - Crystalfontz America, Inc.

Back Button CFAH1602A-RGG-JP Datasheet HTML 11Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 12Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 13Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 14Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 15Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 16Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 17Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 18Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 19Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
http://www.crystalfontz.com
email: sales@crystalfontz.com
Phone: (509) 291-3514
Fax:
(509) 291-3345
Crystalfontz America, Inc.
15611 East Washington Road
Valleyford, WA 99036
12.2 Read Operation
(VDD=4.5V~5.5V , Ta=-30~+85
:*
Mode
Characteristic
Symbol
Min.
Typ.
Max.
Unit
E cycle Time
tc
500




E Rise/Fall Time
tR, tF




20
E Pulse Width (High,
Low)
tw
230




R/W and RS Setup Time
tsu
40




R/W and RS Hold Time
tH
10




Data Output Delay Time
tD




120
Read Mode
Data Hold Time
tDH
5




ns
RS
R/W
E
DB0~DB7
VIH1
VIL1
tsu
th
VIH1
VIH1
tw
th
VIH1
VIL1
VIH1
VIL1
tDH
tf
tr
VIH1
VIL1
Valid Data
VOH1
VOL1
VIL1
tc
tD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com