Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAH1602A-RGG-JP Datasheet(PDF) 7 Page - Crystalfontz America, Inc.

Part # CFAH1602A-RGG-JP
Description  The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an instruction register (IR) and a data register (DR).
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAH1602A-RGG-JP Datasheet(HTML) 7 Page - Crystalfontz America, Inc.

Back Button CFAH1602A-RGG-JP Datasheet HTML 3Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 4Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 5Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 6Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 7Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 8Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 9Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 10Page - Crystalfontz America, Inc. CFAH1602A-RGG-JP Datasheet HTML 11Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
http://www.crystalfontz.com
email: sales@crystalfontz.com
Phone: (509) 291-3514
Fax:
(509) 291-3345
Crystalfontz America, Inc.
15611 East Washington Road
Valleyford, WA 99036
,QWHUIDFH3LQ)XQFWLRQ
Pin No.
Symbol
Level
Description
1
VSS
0V
Ground
2
VDD
5.0V
Supply Voltage for logic
3
VO
(Variable) Operating voltage for LCD
4
RS
H/L
H: DATA, L: Instruction code
5
R/W
H/L
H: Read(MPU
(Module) L: Write(MPU(Module)
6
E
H,H
(L Chip enable signal
7
DB0
H/L
Data bit 0
8
DB1
H/L
Data bit 1
9
DB2
H/L
Data bit 2
10
DB3
H/L
Data bit 3
11
DB4
H/L
Data bit 4
12
DB5
H/L
Data bit 5
13
DB6
H/L
Data bit 6
14
DB7
H/L
Data bit 7
15
A

LED +
16
K

LED





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com