Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP50 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMP50
Description  TRISIL FOR TELECOM EQUIPMENT PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP50 Datasheet(HTML) 2 Page - STMicroelectronics

  SMP50 Datasheet HTML 1Page - STMicroelectronics SMP50 Datasheet HTML 2Page - STMicroelectronics SMP50 Datasheet HTML 3Page - STMicroelectronics SMP50 Datasheet HTML 4Page - STMicroelectronics SMP50 Datasheet HTML 5Page - STMicroelectronics SMP50 Datasheet HTML 6Page - STMicroelectronics SMP50 Datasheet HTML 7Page - STMicroelectronics SMP50 Datasheet HTML 8Page - STMicroelectronics SMP50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SMP50 / SMTPA / TPA
2/10
Table 2: In compliances with the following standards
Table 3: Absolute Ratings (Tamb = 25°C)
STANDARD
Peak Surge
Voltage
(V)
Waveform
Voltage
Required
peak current
(A)
Current
waveform
Minimum serial
resistor to meet
standard (
Ω)
GR-1089 Core
First level
2500
1000
2/10 µs
10/1000 µs
500
100
2/10 µs
10/1000 µs
20
10
GR-1089 Core
Second level
5000
2/10 µs
500
2/10 µs
40
GR-1089 Core
Intra-building
1500
2/10 µs
100
2/10 µs
0
ITU-T-K20/K21
6000
1500
10/700 µs
150
37.5
5/310 µs
53
0
ITU-T-K20
(IEC61000-4-2)
8000
15000
1/60 ns
ESD contact discharge
ESD air discharge
0
0
VDE0433
4000
2000
10/700 µs
100
50
5/310 µs
21.5
0
VDE0878
4000
2000
1.2/50 µs
100
50
1/20 µs
0
0
IEC61000-4-5
4000
4000
10/700 µs
1.2/50 µs
100
100
5/310 µs
8/20 µs
21.5
0
FCC Part 68, lightning
surge type A
1500
800
10/160 µs
10/560 µs
200
100
10/160 µs
10/560 µs
12.5
6.5
FCC Part 68, lightning
surge type B
1000
9/720 µs
25
5/320 µs
0
Symbol
Parameter
Value
Unit
IPP
Repetitive peak pulse current (see figure 2)
10/1000 µs
8/20 µs
10/560 µs
5/310 µs
10/160 µs
1/20 µs
2/10 µs
50
100
55
65
75
100
100
A
IFS
Fail-safe mode : maximum current (note 1)
8/20 µs
2.5
kA
ITSM
Non repetitive surge peak on-state current (sinusoidal)
t = 0.2 s
t = 1 s
t = 2 s
t = 15 mn
16
11.5
10
3.5
A
I2tI2t value for fusing
t = 16.6 ms
t = 20 ms
6.2
6.5
A2s
Tstg
Tj
Storage temperature range
Maximum junction temperature
-55 to 150
150
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Note 1: in fail safe mode, the device acts as a short circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com