Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP50 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMP50
Description  TRISIL FOR TELECOM EQUIPMENT PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP50 Datasheet(HTML) 4 Page - STMicroelectronics

  SMP50 Datasheet HTML 1Page - STMicroelectronics SMP50 Datasheet HTML 2Page - STMicroelectronics SMP50 Datasheet HTML 3Page - STMicroelectronics SMP50 Datasheet HTML 4Page - STMicroelectronics SMP50 Datasheet HTML 5Page - STMicroelectronics SMP50 Datasheet HTML 6Page - STMicroelectronics SMP50 Datasheet HTML 7Page - STMicroelectronics SMP50 Datasheet HTML 8Page - STMicroelectronics SMP50 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SMP50 / SMTPA / TPA
4/10
Figure 2: Pulse waveform (10/1000µs)
Figure 3: Non repetitive surge peak on-state
current versus overload duration
Figure 4: On-state voltage versus on-state
current (typical values)
Figure 5: Relative variation of holding current
versus junction temperature
Figure 6: Relative variation of breakover
voltage versus junction temperature
Figure 7: Relative variation of leakage current
versus reverse voltage applied (typical values)
100
50
%I
PP
t
t
r
p
0
t
Repetitive peak pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
10
5
0
15
20
25
30
F=50Hz
t(s)
I
(A)
TSM
01
234
5
6
789
10
1
2
5
10
20
50
V (V)
T
I (A)
T
T =25°C
j
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
T (°C)
j
I [T ] / I [T =25°C]
Hj
Hj
-40
-20
0
20
40
60
80
100
0.90
0.95
1.00
1.05
1.10
62 V
270 V
V
[T ] / V
[T =25°C]
BO
j
BO
j
T (°C)
j
25
50
75
100
125
1
10
100
1000
2000
I
[T ] / I
[T =25°C]
RM
j
RM
j
V=V
RRM
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com