Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080-33TC Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT49LL080-33TC
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080-33TC Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT49LL080-33TC Datasheet HTML 17Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 18Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 19Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 20Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 21Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 22Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 23Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 24Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
AT49LL080
3273C–FLASH–5/03
Notes:
1. PCI specification output load is used.
2. IOH = (98.0/VCC) * (VOUT - VCC) *(VOUT + 0.4 VCC).
3. I
OL = (256/VCC) * VOUT (VCC - VOUT).
LPC Interface AC Timing Specifications
Notes:
1. PCI components must work with any clock frequency between nominal DC and 33 MHz. Frequencies less than16 MHz may
be guaranteed by design rather than testing.
2. Applies only to rising edge of signal.
Clock Waveform
LPC Interface AC Input/Output Specifications
Symbol
Parameter
Condition
Min
Max
Units
Ioh(AC)
Switching Current High
0 < VOUT ≤0.3 VCC
-12 VCC
mA
0.3 V
CC < VOUT <0.9 VCC
-17.1 (V
CC - VOUT)mA
0.7 V
CC < VOUT < VCC
Note 2
(Test Point)
VOUT = 0.7 VCC
-32 VCC
mA
I
ol(AC)
Switching Current Low
V
CC > VOUT ≥ 0.6 VCC
16 V
CC
mA
0.6 V
CC > VOUT > 0.1 VCC
-17.1 (V
CC - VOUT)mA
0.18 VCC > VOUT > 0
Note 3
(Test Point)
V
OUT = 0.18 VCC
38 V
CC
mA
I
cl
Low Clamp Current
-3 < V
IN ≤-1
-25 + (V
IN + 1)/0.015
mA
Ich
High Clamp Current
VCC + 4 > VIN ≥ VCC + 1
25 + (VIN - VCC - 1)/0.015
mA
slewr
Output Rise Slew Rate
0.2 V
CC - 0.6 VCC load
(1)
14
V/ns
slewf
Output Fall Slew Rate
0.6 V
CC - 0.2 VCC load
(1)
14
V/ns
Clock Specification
Symbol
Parameter
Condition
Min
Max
Units
t
CYC
CLK Cycle Time
(1)
30
∞
ns
tHIGH
CLK High Time
11
ns
t
LOW
CLK Low Time
11
ns
-
CLK Slew Rate
peak-to-peak
1
4
V/ns
-RST or INIT Slew Rate
(2)
50
mV/ns
tCYC
tHIGH
tLOW
0.6 VCC
0.5 VCC
0.4 VCC
0.3 VCC
0.4 VCC, p-to-p
(minimum)
0.2 VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com