Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT49LL080-33TC Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49LL080-33TC
Description  8-megabit Low-pin Count Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LL080-33TC Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49LL080-33TC Datasheet HTML 1Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 2Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 3Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 4Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 5Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 6Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 7Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 8Page - ATMEL Corporation AT49LL080-33TC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
AT49LL080
3273C–FLASH–5/03
Low Pin Count
Interface (LPC)
Table 2 lists the seven required signals used for the LPC interface.
LAD[3:0]: The LAD[3:0] signal lines communicate address, control, and data informa-
tion over the LPC bus between a master and a peripheral. The information
communicated are: start, stop (abort a cycle), transfer type (memory, I/O, DMA), trans-
fer direction (read/write), address, data, wait states, DMA channel, and bus master
grant.
LFRAME: LFRAME is used by the master to indicate the start of cycles and the termina-
tion of cycles due to an abort or time-out condition. This signal is to be used be by
peripherals to know when to monitor the bus for a cycle.
The LFRAME signal is used as a general notification that the LAD[3:0] lines contain
information relative to the start or stop of a cycle, and that peripherals must monitor the
bus to determine whether the cycle is intended for them. The benefit to peripherals of
LFRAME is, it allows them to enter lower power states internally.
When peripherals sample LFRAME active, they are to immediately stop driving the
LAD[3:0] signal lines on the next clock and monitor the bus for new cycle information.
RESET: RST or INIT at VIL initiates a device reset. In read mode, RST or INIT low
deselects the memory, places output drivers in a high-impedance state, and turns off all
GNDa
SUPPLY
X
X
ANALOG GROUND: Should be tied to same plane as GND.
RFU
X
RESERVED FOR FUTURE USE: These pins are reserved for future
generations of this product and should be connected accordingly. These pins
may be left disconnected or driven. If they are driven, the voltage levels should
meet V
IH and VIL requirements.
A/A Mux = I/O[7:4]
NC
X
X
NO CONNECT: Pin may be driven or floated. If it is driven, the voltage levels
should meet VIH and VIL.
RY/BY
OUTPUT
X
READY/BUSY: Valid only in A/A Mux Mode. This output pin is a reflection of bit
7 in the status register. This pin is used to determine sector erase or program
completion.
Table 1. Pin Description (Continued)
Symbol
Type
Interface
Name and Function
LPC
A/A Mux
Table 2. LPC Required Signal List
Signal
Direction
Description
Peripheral
Master
LAD[3:0]
I/O
I/O
Multiplexed command, address and data
LFRAME
I
O
Indicates start of a new cycle, termination of broken
cycle.
RST
I
I
Reset: Same as PCI Reset on the master. The master
does not need this signal if it already has PCIRST on its
interface.
CLK
I
I
Clock: Same 33 MHz clock as PCI clock on the master.
Same clock phase with typical PCI skew. The master
does not need this signal if it already has PCICLK on its
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com