Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4050 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4050
Description  Precision Micropower Shunt Voltage Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4050 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4050 Datasheet HTML 1Page - National Semiconductor (TI) LM4050 Datasheet HTML 2Page - National Semiconductor (TI) LM4050 Datasheet HTML 3Page - National Semiconductor (TI) LM4050 Datasheet HTML 4Page - National Semiconductor (TI) LM4050 Datasheet HTML 5Page - National Semiconductor (TI) LM4050 Datasheet HTML 6Page - National Semiconductor (TI) LM4050 Datasheet HTML 7Page - National Semiconductor (TI) LM4050 Datasheet HTML 8Page - National Semiconductor (TI) LM4050 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Ordering Information
Industrial Temperature Range (−40˚C to +85˚C)
Reverse Breakdown
Voltage Tolerance at 25˚C and Average
Reverse Breakdown
Voltage Temperature Coefficient
LM4050 Supplied as 1000 Units,
Tape and Reel
LM4050 Supplied as 3000 Units,
Tape and Reel
LM4050AIM3-2.0
LM4050AIM3X-2.0
±0.1%, 50 ppm/˚C max (A grade)
LM4050AIM3-2.5
LM4050AIM3X-2.5
LM4050AIM3-4.1
LM4050AIM3X-4.1
LM4050AIM3-5.0
LM4050AIM3X-5.0
LM4050AIM3-8.2
LM4050AIM3X-8.2
LM4050AIM3-10
LM4050AIM3X-10
LM4050BIM3-2.0
LM4050BIM3X-2.0
±0.2%, 50 ppm/˚C max (B grade)
LM4050BIM3-2.5
LM4050BIM3X-2.5
LM4050BIM3-4.1
LM4050BIM3X-4.1
LM4050BIM3-5.0
LM4050BIM3X-5.0
LM4050BIM3-8.2
LM4050BIM3X-8.2
LM4050BIM3-10
LM4050BIM3X-10
LM4050CIM3-2.0
LM4050CIM3X-2.0
±0.5%, 50 ppm/˚C max (C grade)
LM4050CIM3-2.5
LM4050CIM3X-2.5
LM4050CIM3-4.1
LM4050CIM3X-4.1
LM4050CIM3-5.0
LM4050CIM3X-5.0
LM4050CIM3-8.2
LM4050CIM3X-8.2
LM4050CIM3-10
LM4050CIM3X-10
Extended Temperature Range (−40˚C to +125˚C)
Reverse Breakdown
Voltage Tolerance at 25˚C and Average
Reverse Breakdown
Voltage Temperature Coefficient
LM4050 Supplied as 1000 Units,
Tape and Reel
LM4050 Supplied as 3000 Units,
Tape and Reel
LM4050AEM3-2.0
LM4050AEM3X-2.0
±0.1%, 50 ppm/˚C max (A grade)
LM4050AEM3-2.5
LM4050AEM3X-2.5
LM4050AEM3-4.1
LM4050AEM3X-4.1
LM4050AEM3-5.0
LM4050AEM3X-5.0
LM4050AEM3-8.2
LM4050AEM3X-8.2
LM4050AEM3-10
LM4050AEM3X-10
LM4050BEM3-2.0
LM4050BEM3X-2.0
±0.2%, 50 ppm/˚C max (B grade)
LM4050BEM3-2.5
LM4050BEM3X-2.5
LM4050BEM3-4.1
LM4050BEM3X-4.1
LM4050BEM3-5.0
LM4050BEM3X-5.0
LM4050BEM3-8.2
LM4050BEM3X-8.2
LM4050BEM3-10
LM4050BEM3X-10
LM4050CEM3-2.0
LM4050CEM3X-2.0
±0.5%, 50 ppm/˚C max (C grade)
LM4050CEM3-2.5
LM4050CEM3X-2.5
LM4050CEM3-4.1
LM4050CEM3X-4.1
LM4050CEM3-5.0
LM4050CEM3X-5.0
LM4050CEM3-8.2
LM4050CEM3X-8.2
LM4050CEM3-10
LM4050CEM3X-10
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com