Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4050 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4050
Description  Precision Micropower Shunt Voltage Reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4050 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4050 Datasheet HTML 7Page - National Semiconductor (TI) LM4050 Datasheet HTML 8Page - National Semiconductor (TI) LM4050 Datasheet HTML 9Page - National Semiconductor (TI) LM4050 Datasheet HTML 10Page - National Semiconductor (TI) LM4050 Datasheet HTML 11Page - National Semiconductor (TI) LM4050 Datasheet HTML 12Page - National Semiconductor (TI) LM4050 Datasheet HTML 13Page - National Semiconductor (TI) LM4050 Datasheet HTML 14Page - National Semiconductor (TI) LM4050 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Typical Applications (Continued)
10104517
FIGURE 3. Bounded amplifier reduces saturation-induced delays and can prevent succeeding stage damage.
Nominal clamping voltage is ±11.5V (LM4050’s reverse breakdown voltage +2 diode V
F).
10104518
FIGURE 4. Protecting Op Amp input. The bounding voltage is ±4V with the LM4050-2.5
(LM4050’s reverse breakdown voltage + 3 diode V
F).
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com