Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBK20D2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LNBK20D2
Description  LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBK20D2 Datasheet(HTML) 2 Page - STMicroelectronics

  LNBK20D2 Datasheet HTML 1Page - STMicroelectronics LNBK20D2 Datasheet HTML 2Page - STMicroelectronics LNBK20D2 Datasheet HTML 3Page - STMicroelectronics LNBK20D2 Datasheet HTML 4Page - STMicroelectronics LNBK20D2 Datasheet HTML 5Page - STMicroelectronics LNBK20D2 Datasheet HTML 6Page - STMicroelectronics LNBK20D2 Datasheet HTML 7Page - STMicroelectronics LNBK20D2 Datasheet HTML 8Page - STMicroelectronics LNBK20D2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LNBK20D2
2/14
available (EXTM). An appropriate DC blocking
capacitor must be used to couple the modulating
signal source to the EXTM pin. When external
modulation is not used, the relevant pin can be left
open.
Two pins are dedicated to the overcurrent
protection/monitoring:
CEXT
and
OLF.
The
overcurrent protection circuit works dynamically:
as soon as an overload is detected in either LNB
output, the output is shut-down for a time Toff
determined by the capacitor connected between
CEXT and GND. Simultaneously the OLF pin, that
is an open collector diagnostic output flag, from
HIGH IMPEDANCE state goes LOW.
After the time has elapsed, the output is resumed
for a time ton=1/15toff (typ.) and OLF goes in HIGH
IMPEDANCE. If the overload is still present, the
protection circuit will cycle again through toff and
ton until the overload is removed. Typical ton+toff
value is 1200ms when a 4.7
µF external capacitor
is used.
This dynamic operation can greatly reduce the
power dissipation in short circuit condition, still
ensuring excellent power-on start up even with
highly capacitive loads on LNB outputs.
The device is packaged in Multiwatt15 for
thru-holes mounting and in PowerSO-20 for
surface mounting. When a limited functionality in a
smaller package matches design needs, a range
of cost-effective PowerSO-10 solutions is also
offered.
All
versions
have
built-in
thermal
protection against overheating damage.
(*): External components are needed to comply to level 2.x and above (bidirectiona) DiSEqC
™ bus hardware requirements. DiSEqC™ is a
trademark or EUTELSAT.
PIN CONFIGURATION (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com