Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBK20D2 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LNBK20D2
Description  LNB SUPPLY AND CONTROL VOLTAGE REGULATOR (PARALLEL INTERFACE)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBK20D2 Datasheet(HTML) 4 Page - STMicroelectronics

  LNBK20D2 Datasheet HTML 1Page - STMicroelectronics LNBK20D2 Datasheet HTML 2Page - STMicroelectronics LNBK20D2 Datasheet HTML 3Page - STMicroelectronics LNBK20D2 Datasheet HTML 4Page - STMicroelectronics LNBK20D2 Datasheet HTML 5Page - STMicroelectronics LNBK20D2 Datasheet HTML 6Page - STMicroelectronics LNBK20D2 Datasheet HTML 7Page - STMicroelectronics LNBK20D2 Datasheet HTML 8Page - STMicroelectronics LNBK20D2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LNBK20D2
4/14
LOGIC CONTROLS TRUTH TABLE
NOTE: All logic input pins have internal pull-down resistor (typ. = 250K
Ω)
BLOCK DIAGRAM
CONTROL I/O
PIN NAME
L
H
OUT
OLF
IOUT >IOMAX or Tj >150°C
IOUT <IOMAX
IN
ENT
22KHz tone OFF
22KHz tone ON
IN
EN
See Table Below
See Table Below
IN
OSEL
See Table Below
See Table Below
IN
VSEL
See Table Below
See Table Below
IN
LLC
See Table Below
See Table Below
EN
OSEL
VSEL
LLCO
VLNBA
VLNBB
L
XXX
VMI - 0.4V (typ.)
Disabled
H
L
L
L
13V (typ.)
Disabled
H
L
H
L
18V (typ.)
Disabled
H
L
L
H
14V (typ.)
Disabled
H
L
H
H
19V (typ.)
Disabled
H
H
L
L
Disabled
13V (typ.)
H
H
H
L
Disabled
18V (typ.)
H
H
L
H
Disabled
14V (typ.)
HHHH
Disabled
19V (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com