Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2880 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC2880
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2880 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC2880 Datasheet HTML 17Page - NXP Semiconductors LPC2880 Datasheet HTML 18Page - NXP Semiconductors LPC2880 Datasheet HTML 19Page - NXP Semiconductors LPC2880 Datasheet HTML 20Page - NXP Semiconductors LPC2880 Datasheet HTML 21Page - NXP Semiconductors LPC2880 Datasheet HTML 22Page - NXP Semiconductors LPC2880 Datasheet HTML 23Page - NXP Semiconductors LPC2880 Datasheet HTML 24Page - NXP Semiconductors LPC2880 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LPC2880_LPC2888_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 June 2006
21 of 34
Philips Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
• Power-down mode.
• Measurement range 0 V to 3.3 V.
• 10-bit conversion time
≥ 2.44 µs.
• Single or continuous conversion mode.
6.16 Analog I/O
The analog I/O system includes an I2S input channel, an I2S output channel, a dual A/D
converter, and a dual D/A converter. Each channel includes a separate 4 sample FIFO.
Each of the two ADC inputs includes a Programmable Gain Amplifier (PGA). A separate
input, which can be routed to either ADC, also include an additional Low Noise Amplifier
(LNA).
Each DAC has associated pins for unbuffered and amplified outputs.
6.16.1 Features
• I2S-bus input channel with a 4 sample FIFO for stereo Digital Analog Input (DAI).
• I2S-bus output channel with a 4 sample FIFO for stereo Digital Analog Output (DAO).
• Dual 16-bit A/D converters with individual inputs routed through programmable gain
amplifiers. Each ADC can alternatively take its input from a single pin that includes an
additional low noise amplifier. Input takes place through a 4 sample FIFO.
• Dual 16-bit D/A converters. Each DAC includes both a direct output and an amplified
output. Output takes place through a 4 sample FIFO.
6.17 USB 2.0 high-speed device controller
The USB is a 4 wire bus that supports communication between a host and a number (127
max.) of peripherals. The host controller allocates the USB bandwidth to attached devices
through a token based protocol. The bus supports hot plugging, un-plugging and dynamic
configuration of the devices. All transactions are initiated by the host controller.
The host schedules transactions in 1 ms frames. Each frame contains an SoF marker and
transactions that transfer data to/from device endpoints. Each device can have a
maximum of 16 logical or 32 physical endpoints. There are 4 types of transfers defined for
the endpoints. Control transfers are used to configure the device. Interrupt transfers are
used for periodic data transfer. Bulk transfers are used when rate of transfer is not critical.
Isochronous transfers have guaranteed delivery time but no error correction.
The LPC2880/LPC2888 USB controller enables 480 Mbit/s or 12 Mbit/s data exchange
with a USB host controller. It includes a USB controller, a DMA engine, and a USB 2.0
ATX physical interface.
The USB controller consists of the protocol engine and buffer management blocks. It
includes an SRAM that is accessible to the DMA engine and to the processor via the
register interface.
The DMA engine is an AHB master, having direct access to all ARM memory space but
particularly to on-chip RAM. Each USB endpoint that requires its data to be transferred via
DMA is allocated to a logical DMA channel in the DMA engine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com