Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2880 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2880
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2880 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2880 Datasheet HTML 1Page - NXP Semiconductors LPC2880 Datasheet HTML 2Page - NXP Semiconductors LPC2880 Datasheet HTML 3Page - NXP Semiconductors LPC2880 Datasheet HTML 4Page - NXP Semiconductors LPC2880 Datasheet HTML 5Page - NXP Semiconductors LPC2880 Datasheet HTML 6Page - NXP Semiconductors LPC2880 Datasheet HTML 7Page - NXP Semiconductors LPC2880 Datasheet HTML 8Page - NXP Semiconductors LPC2880 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1.
General description
The LPC2880/LPC2888 are an ARM7-based microcontroller for portable applications
requiring low power and high performance. It includes a USB 2.0 Hi-Speed device
interface, an external memory interface that can interface to SDRAM and flash, an
SD/MMC memory card interface, A/D and D/A converters, and serial interfaces including
UART, I2C-bus, and I2S-bus. Architectural enhancements like multi-channel DMA,
processor cache, simultaneous operations on multiple internal buses, and flexible clock
generation help ensure that the LPC2880/LPC2888 can handle more demanding
applications than many competing devices. The chip can be powered from a single
battery, from the USB, or from regulated 1.8 V and 3.3 V.
2.
Features
2.1 Key features
I ARM7TDMI processor with 8 kB cache, operating at up to 60 MHz
I 1 MB on-chip flash program memory with 128-bit access for high performance
I 64 kB SRAM
I Boot ROM allows execution of flash code, external code, or flash programming via
USB
I On-chip DC-to-DC converter can generate all required voltages from a single battery
or from USB power
I Multiple internal buses allow simultaneous simple DMA, USB DMA, and program
execution from on-chip flash without contention
I External memory controller supports flash, SRAM, ROM, and SDRAM
I Advanced Vectored Interrupt Controller, supporting up to 30 vectored interrupts
I Innovative Event Router allows interrupt, power-up, and clock-start capabilities from up
to 107 sources
I Multi-channel GP DMA controller that can be used with most on-chip peripherals as
well as for memory-to-memory transfers
I Serial interfaces:
N Hi-Speed USB 2.0 device (480 Mbit/s or 12 Mbit/s) with on-chip physical layer
N UART with fractional baud rate generation, flow control, IrDA support, and FIFOs
N I2C-bus interface
N I2S-bus (Inter IC Sound bus) interface for independent stereo digital audio input
and output
I SD/MMC memory card interface
I 10-bit A/D converter with 5-channel input multiplexing
LPC2880; LPC2888
16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash,
Hi-Speed USB 2.0 device, and SDRAM memory interface
Rev. 01 — 22 June 2006
Preliminary data sheet


Similar Part No. - LPC2880

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2880 NXP-LPC2880 Datasheet
212Kb / 43P
16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
Rev. 03-17 April 2008
LPC2880FET180 NXP-LPC2880FET180 Datasheet
212Kb / 43P
16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
Rev. 03-17 April 2008
More results

Similar Description - LPC2880

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1311 NXP-LPC1311 Datasheet
273Kb / 53P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 01-11 December 2009
LPC1311 NXP-LPC1311_10 Datasheet
451Kb / 60P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 02-6 May 2010
LPC2880 NXP-LPC2880 Datasheet
212Kb / 43P
16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
Rev. 03-17 April 2008
LPC1311_1008 NXP-LPC1311_1008 Datasheet
1Mb / 62P
32-bit ARM Cortex-M3 microcontroller up to 32 kB flash and 8 kB SRAM USB device
Rev. 3-10 August 2010
LPC1311 NXP-LPC1311_11 Datasheet
1Mb / 73P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 4-20 June 2011
LPC1311 NXP-LPC1311_12 Datasheet
1Mb / 74P
32-bit ARM Cortex-M3 microcontroller; up to 32 kB flash and 8 kB SRAM; USB device
Rev. 5-6 June 2012
logo
Microchip Technology
PIC24FJ16MC101 MICROCHIP-PIC24FJ16MC101_12 Datasheet
5Mb / 350P
16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM)
11/29/11
logo
NXP Semiconductors
LPC11U14FHI33.201 NXP-LPC11U14FHI33.201 Datasheet
1Mb / 69P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 2-11 January 2012
LPC1823JBD144E PHILIPS-LPC1823JBD144E Datasheet
2Mb / 147P
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012
LPC11U2X NXP-LPC11U2X Datasheet
1Mb / 74P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com