Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF191 Datasheet(PDF) 1 Page - Analog Devices

Part # REF191
Description  Precision Micropower, Low Dropout Voltage References
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF191 Datasheet(HTML) 1 Page - Analog Devices

  REF191 Datasheet HTML 1Page - Analog Devices REF191 Datasheet HTML 2Page - Analog Devices REF191 Datasheet HTML 3Page - Analog Devices REF191 Datasheet HTML 4Page - Analog Devices REF191 Datasheet HTML 5Page - Analog Devices REF191 Datasheet HTML 6Page - Analog Devices REF191 Datasheet HTML 7Page - Analog Devices REF191 Datasheet HTML 8Page - Analog Devices REF191 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
REF19x Series
Precision Micropower, Low Dropout
Voltage References
PIN CONFIGURATIONS
8-Lead Narrow-Body SOIC and TSSOP
(S Suffix and RU Suffix)
TP
VS
SLEEP
GND
NC
NC
OUTPUT
TP
1
2
3
4
8
7
6
5
REF19x
SERIES
TOP VIEW
(Not to Scale)
NC = NO CONNECT
TP PINS ARE FACTORY TEST POINTS,
NO USER CONNECTION
8-Lead Epoxy DIP (P Suffix)
TP
VS
SLEEP
GND
NC = NO CONNECT
TP PINS ARE FACTORY TEST POINTS,
NO USER CONNECTION
NC
NC
OUTPUT
TP
1
2
3
4
8
7
6
5
REF19x
SERIES
TOP VIEW
(Not to Scale)
FEATURES
Initial Accuracy:
2 mV Max
Temperature Coefficient: 5 ppm/ C Max
Low Supply Current: 45
A Max
Sleep Mode: 15
A Max
Low Dropout Voltage
Load Regulation: 4 ppm/mA
Line Regulation: 4 ppm/V
High Output Current: 30 mA
Short Circuit Protection
APPLICATIONS
Portable Instrumentation
A-to-D and D-to-A Converters
Smart Sensors
Solar Powered Applications
Loop Current Powered Instrumentations
GENERAL DESCRIPTION
REF19x series precision band gap voltage references use a pat-
ented temperature drift curvature correction circuit and laser
trimming of highly stable thin film resistors to achieve a very low
temperature coefficient and a high initial accuracy.
The REF19x series is made up of micropower, Low Dropout
Voltage (LDV) devices providing a stable output voltage from
supplies as low as 100 mV above the output voltage and consum-
ing less than 45
µA of supply current. In sleep mode, which is
enabled by applying a low TTL or CMOS level to the sleep pin,
the output is turned off and supply current is further reduced to
less than 15
µA.
The REF19x series references are specified over the extended
industrial temperature range (–40
°C to +85°C) with typical
performance specifications over –40
°C to +125°C for applications
such as automotive.
All electrical grades are available in 8-lead SOIC; the PDIP and
TSSOP are only available in the lowest electrical grade. Products
are also available in die form.
Test Pins (TP)
The test pins, Pin 1 and Pin 5, are reserved for in-package
Zener-zap. To achieve the highest level of accuracy at the output,
the Zener-zapping technique is used to trim the output voltage.
Since each unit may require a different amount of adjustment, the
resistance value at the test pins will vary widely from pin to pin as
well as from part to part. The user should not make any physical
nor electrical connections to Pin 1 and Pin 5.
Table I.
Part
Nominal Output
Number
Voltage (V)
REF191
2.048
REF192
2.50
REF193
3.00
REF194
4.50
REF195
5.00
REF196
3.30
REF198
4.096
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
1
REF19xGP
–40
°C to +85°C
8-Lead Plastic DIP
2
N-8
REF19xES
3
–40
°C to +85°C
8-Lead SOIC
SOIC-8
REF19xFS
3
–40
°C to +85°C
8-Lead SOIC
SOIC-8
REF19xGS
–40
°C to +85°C
8-Lead SOIC
SOIC-8
REF19xGRU
4 –40
°C to +85°C
8-Lead TSSOP
RU-8
REF19xGBC
25
°CDICE
NOTES
1N = Plastic DIP, SOIC = Small Outline, RU = Thin Shrink Small Outline.
28-lead plastic DIP is only available in “G” grade.
3REF193 and REF196 are only available in “G” grade.
4Available for REF192, REF195, and REF198 only.


Similar Part No. - REF191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF191 AD-REF191 Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
REF191 AD-REF191 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
REF191ES AD-REF191ES Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
REF191ES-REEL AD-REF191ES-REEL Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
REF191ESZ AD-REF191ESZ Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
More results

Similar Description - REF191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Linear Technology
LTC1798 LINER-LTC1798 Datasheet
152Kb / 8P
Micropower Low Dropout References
LTC1258 LINER-LTC1258_15 Datasheet
139Kb / 8P
Micropower Low Dropout References
LTC1798 LINER-LTC1798_15 Datasheet
881Kb / 10P
Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com