Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M30610ECFS Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M30610ECFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30610ECFS Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M30610ECFS Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M30610ECFS Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M30610ECFS Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M30610ECFS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M30610ECFS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M30610ECFS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M30610ECFS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M30610ECFS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M30610ECFS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 197 page
background image
Mitsubishi microcomputers
M16C / 61 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Processor Mode
21
Single-chip mode
SFR area
Internal RAM
area
Inhibited
Internal ROM
area (Note 2)
Memory expansion mode
SFR area
Internal RAM
area
External area
Internal ROM
area
Internally reserved
area (Note 1)
Internally
reserved area
Microprocessor mode
SFR area
Internal RAM
area
External area
Internally
reserved area
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
D000016
External area : Accessing this area allows the user to
access a device connected externally
to the microcomputer.
Note 1: This area becomes external area when PM16 (external
memory area expansion bit ) = “1” in M30612M4A/E4.
Set “0” except M30612M4A/E4.
Note 2: Set “0” to PM16 (external memory area expansion bit)
in single chip mode.
0400016
Type No.
Address
YYYYY16
Address
XXXXX16
M30612M4A/E4
F000016
02BFF16
E000016
02BFF16
M30612M8A
F800016
013FF16
M30612MAA
M30612MCA
F000016
013FF16
M30610M8A
M30610MCA/EC
E800016
013FF16
E000016
017FF16
E800016
02BFF16
M30610MAA
Figure 1.9.1. Memory maps in each processor mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com