Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAH1602A-RFF-JP Datasheet(PDF) 5 Page - Crystalfontz America, Inc.

Part # CFAH1602A-RFF-JP
Description  The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an instruction register (IR) and a data register (DR).
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAH1602A-RFF-JP Datasheet(HTML) 5 Page - Crystalfontz America, Inc.

  CFAH1602A-RFF-JP Datasheet HTML 1Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 2Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 3Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 4Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 5Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 6Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 7Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 8Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 9Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
http://www.crystalfontz.com
email: sales@crystalfontz.com
Phone: (509) 291-3514
Fax:
(509) 291-3345
Crystalfontz America, Inc.
15611 East Washington Road
Valleyford, WA 99036
$EVROXWH0D[LPXP5DWLQJV
Item
Symbol
Min
Typ
Max
Unit
Operating Temperature
TOP
0

+50
:
Storage Temperature
TST
-10

+60
:
Input Voltage
VI
VSS

VDD
V
Supply Voltage For Logic
VDD-VSS
-0.3

7
V
Supply Voltage For LCD
VDD-V0
-0.3

13
V
(OHFWULFDO&KDUDFWHULVWLFV
Item
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage For Logic
VDD-VSS

4.5

5.5
V
Supply Voltage For LCD
VDD-V0
Ta=0
:
Ta=25
:
Ta=50
:


3.6

3.8

4.2


V
V
V
Input High Volt.
VIH

2.2

VDD
V
Input Low Volt.
VIL



0.6
V
Output High Volt.
VOH

2.4


V
Output Low Volt.
VOL



0.4
V
Supply Current
IDD
VDD=5V

1.2

mA




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com