Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAH1602A-RFF-JP Datasheet(PDF) 6 Page - Crystalfontz America, Inc.

Part # CFAH1602A-RFF-JP
Description  The LCD display Module is built in a LSI controller, the controller has two 8-bit registers, an instruction register (IR) and a data register (DR).
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTAIFONTZ [Crystalfontz America, Inc.]
Direct Link  https://www.crystalfontz.com/
Logo CRYSTAIFONTZ - Crystalfontz America, Inc.

CFAH1602A-RFF-JP Datasheet(HTML) 6 Page - Crystalfontz America, Inc.

Back Button CFAH1602A-RFF-JP Datasheet HTML 2Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 3Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 4Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 5Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 6Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 7Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 8Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 9Page - Crystalfontz America, Inc. CFAH1602A-RFF-JP Datasheet HTML 10Page - Crystalfontz America, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
http://www.crystalfontz.com
email: sales@crystalfontz.com
Phone: (509) 291-3514
Fax:
(509) 291-3345
Crystalfontz America, Inc.
15611 East Washington Road
Valleyford, WA 99036
2SWLFDO&KDUDFWHULVWLFV
Item
Symbol
Condition
Min
Typ
Max
Unit
(V)
ð
CR
2
10

105
deg
View Angle
(H)
ý
CR
2
-30

30
deg
Contrast Ratio
CR


3


T rise


150
200
ms
Response Time
T fall


150
200
ms
Definition of Operation Voltage (Vop)
Definition of Response Time ( Tr , Tf )
Driving Voltage(V)
Intensity
Cr Max
100
&
Vop
Selected Wave
Non-selected Wave
[positive type]
Cr = Lon / Loff
Intensity
90
&
100
&
Tr
10
&
Tf
Non-selected
Conition
Non-selected
Conition
Selected Conition
[positive type]
Conditions :
Operating Voltage : Vop
Viewing Angle(
ð^ý) : 0H^ 0H
Frame Frequency : 64 HZ
Driving Waveform : 1/N duty , 1/a bias
Definition of viewing angle(CR
2)
ðf
ý= 180H
ý= 90H
ý= 0H
ý= 270H
ðb
ðr
ðl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com