Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC06A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC06A
Description  Hex inverter with open-drain outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC06A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC06A Datasheet HTML 3Page - NXP Semiconductors 74LVC06A Datasheet HTML 4Page - NXP Semiconductors 74LVC06A Datasheet HTML 5Page - NXP Semiconductors 74LVC06A Datasheet HTML 6Page - NXP Semiconductors 74LVC06A Datasheet HTML 7Page - NXP Semiconductors 74LVC06A Datasheet HTML 8Page - NXP Semiconductors 74LVC06A Datasheet HTML 9Page - NXP Semiconductors 74LVC06A Datasheet HTML 10Page - NXP Semiconductors 74LVC06A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2000 Mar 07
7
Philips Semiconductors
Product specification
Hex inverter with open-drain outputs
74LVC06A
AC CHARACTERISTICS
GND = 0 V; VCC ≤ 2.7 V and tr =tf ≤ 2 ns; VCC ≥ 2.7 V and tr =tf ≤ 2.5 ns.
Note
1. All typical values are measured at Tamb =25 °C and at VCC respectively 1.8, 2.5, 2.7, 3.3 and 5.0 V.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb (°C)
UNIT
WAVEFORMS
VCC (V)
−40 to +85
MIN.
TYP.(1)
MAX.
tPLZ/tPZL
propagation delay nA to nY
see Figs 5 and 6
1.65 to 1.95
−
2.9
−
ns
2.3 to 2.7
0.5
1.8
3.1
ns
2.7
0.5
2.5
3.9
ns
3.0 to 3.6
0.5
2.3
3.7
ns
4.5 to 5.5
0.5
1.7
3.4
ns
handbook, full pagewidth
MNA529
tPLZ
VX
nY output
nA input
VI
VCC
VM
VOL
GND
tPZL
VM
VCC
VM
VX
<2.7 V
0.5
× VCC
VOL + 0.15 V
≥2.7 to 3.6 V
1.5 V
VOL + 0.3 V
≥4.5 to 5.5 V
0.5
× V
CC
VOL + 0.3 V
Fig.5 The input nA to output nY propagation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com