Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC06A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC06A
Description  Hex inverter with open-drain outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC06A Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC06A Datasheet HTML 1Page - NXP Semiconductors 74LVC06A Datasheet HTML 2Page - NXP Semiconductors 74LVC06A Datasheet HTML 3Page - NXP Semiconductors 74LVC06A Datasheet HTML 4Page - NXP Semiconductors 74LVC06A Datasheet HTML 5Page - NXP Semiconductors 74LVC06A Datasheet HTML 6Page - NXP Semiconductors 74LVC06A Datasheet HTML 7Page - NXP Semiconductors 74LVC06A Datasheet HTML 8Page - NXP Semiconductors 74LVC06A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2000 Mar 07
2
Philips Semiconductors
Product specification
Hex inverter with open-drain outputs
74LVC06A
FEATURES
• 5 V tolerant inputs and outputs (open drain) for
interfacing with 5 V logic
• Wide supply voltage range from 1.65 to 5.5 V
• CMOS low power consumption
• Direct interface with TTL levels
• Inputs accept voltages up to 5 V
• Complies with JEDEC standard no. 8-1A.
DESCRIPTION
The 74LVC06A is a high-performance, low-power,
low-voltage, Si-gate CMOS device, superior to most
advanced CMOS compatible TTL families.
Inputs can be driven from either 3.3 or 5 V devices. This
feature allows the use of these devices as translators in a
mixed 3.3 to 5 V environment.
The 74LVC06A provides six inverting buffers.
The outputs of the 74LVC06A devices are open drain and
can be connected to other open-drain outputs to
implement active-LOW wired-OR or active-HIGH
wired-AND functions.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns.
Note
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi + Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
Σ(CL × VCC2 × fo) = sum of the outputs.
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level;
Z = high impedance OFF-state.
SYMBOL
PARAMETER
CONDITIONS
TYP.
UNIT
tPLZ/tPZL
propagation delay nA to nY
CL = 50 pF; VCC = 3.3 V
2.3
ns
CI
input capacitance
5.0
pF
CPD
power dissipation capacitance per gate
VI = GND to VCC; note 1
8.0
pF
INPUT
OUTPUT
nA
nY
LZ
HL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com