Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT541 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HCT541
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT541 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HCT541 Datasheet HTML 1Page - STMicroelectronics M74HCT541 Datasheet HTML 2Page - STMicroelectronics M74HCT541 Datasheet HTML 3Page - STMicroelectronics M74HCT541 Datasheet HTML 4Page - STMicroelectronics M74HCT541 Datasheet HTML 5Page - STMicroelectronics M74HCT541 Datasheet HTML 6Page - STMicroelectronics M74HCT541 Datasheet HTML 7Page - STMicroelectronics M74HCT541 Datasheet HTML 8Page - STMicroelectronics M74HCT541 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
M74HCT541
2/9
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
Z : High Impedance
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
RECOMMENDED OPERATING CONDITIONS
PIN No
SYMBOL
NAME AND FUNCTION
1, 19
G1, G2
Output Enable Inputs
2, 3, 4, 5, 6,
7, 8, 9
A1 to A8
Data Inputs
18, 17, 16,
15, 14, 13,
12, 11
Y1 to Y8
Bus Outputs
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUT
OUTPUT
G1
G2
An
Yn
H
XXZ
XHX
Z
LL
H
H
LLL
L
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 35
mA
ICC or IGND DC VCC or Ground Current
± 70
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr, tf
Input Rise and Fall Time (VCC = 4.5 to 5.5V)
0 to 500
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com