Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT541 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M74HCT541
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT541 Datasheet(HTML) 3 Page - STMicroelectronics

  M74HCT541 Datasheet HTML 1Page - STMicroelectronics M74HCT541 Datasheet HTML 2Page - STMicroelectronics M74HCT541 Datasheet HTML 3Page - STMicroelectronics M74HCT541 Datasheet HTML 4Page - STMicroelectronics M74HCT541 Datasheet HTML 5Page - STMicroelectronics M74HCT541 Datasheet HTML 6Page - STMicroelectronics M74HCT541 Datasheet HTML 7Page - STMicroelectronics M74HCT541 Datasheet HTML 8Page - STMicroelectronics M74HCT541 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
M74HCT541
3/9
DC SPECIFICATIONS
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
4.5
to
5.5
2.0
2.0
2.0
V
VIL
Low Level Input
Voltage
4.5
to
5.5
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-20 µA
4.4
4.5
4.4
4.4
V
IO=-6.0 mA
4.18
4.31
4.13
4.10
VOL
Low Level Output
Voltage
4.5
IO=20 µA
0.0
0.1
0.1
0.1
V
IO=6.0 mA
0.17
0.26
0.33
0.40
II
Input Leakage
Current
5.5
VI = VCC or GND
± 0.1
± 1
± 1
µA
IOZ
High Impedance
Output Leakage
Current
5.5
VI = VIH or VIL
VO = VCC or GND
± 0.5
± 5
± 10
µA
ICC
Quiescent Supply
Current
5.5
VI = VCC or GND
440
80
µA
∆ I
CC
Additional Worst
Case Supply
Current
5.5
Per Input pin
VI = 0.5V or
VI = 2.4V
Other Inputs at
VCC or GND
2.0
2.9
3.0
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
4.5
50
6
12
15
18
ns
tPLH tPHL Propagation Delay
Time
4.5
50
14
23
29
35
ns
4.5
150
18
28
35
42
tPZL tPZH Output Enable
Time
4.5
50
RL = 1 KΩ
18
30
38
45
ns
4.5
150
22
34
43
51
tPLZ tPHZ Output Disable
Time
4.5
50
RL = 1 KΩ
19
27
34
41
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com