Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW60R037CSFD Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPW60R037CSFD
Description  600V CoolMOSª CSFD Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R037CSFD Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPW60R037CSFD Datasheet HTML 1Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 2Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 3Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 4Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 5Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 6Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 7Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 8Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
IPW60R037CSFD
Rev.2.0,2017-12-11
Final Data Sheet
PG-TO247-3
Drain
Pin 2
Gate
Pin 1
Source
Pin 3
MOSFET
600VCoolMOSªCSFDPowerTransistor
CoolMOS™isarevolutionarytechnologyforhighvoltagepower
MOSFETs,designedaccordingtothesuperjunction(SJ)principleand
pioneeredbyInfineonTechnologies.TheIPW60R037CSFDisan
optimizeddevicetailoredtoaddresstheoffboardEVchargingmarket
segment.
Thankstolowgatecharge(Qg)andimprovedswitchingbehavioritoffers
highestefficiencyinthetargetedmarket.Inadditiontothatitcomesalong
withanintegratedfastbodydiodeandtremendouslyreducedreverse
recoverycharge(Qrr)leadingtohighestreliabilityinresonanttopologies.
DuetothesefeaturestheIPW60R037CSFDmeetstheefficiencyand
reliabilitystandardsoftheoffboardEVchargingstationmarketand
furthermoresupportshighpowerdensitysolutions.
Features
•Fastbodydiode
•Industry-leadingreverserecoverycharge(Qrr)
•LowestFOMRDS(on)*QgandRDS(on)*Eoss
•Costoptimization
Benefits
•Excellenthardcommutationruggednessandreliabilityinsoftswitching
applications
•Highestefficiencywithoutstandingease-of-use/performancetrade-off
•Enablingincreasedpowerdensitysolutions
•Balancedprice/performanceratiofortheEVchargingmarket
Potentialapplications
SuiteableforSoft&HardSwitchingtopologies
Optimizedforphase-shiftfull-bridge(ZVS),LLC&PFCApplications–EV
Charging
ProductValidation:Qualifiedforindustrialapplicationsaccordingtothe
relevanttestsofJEDEC47/20/22
Pleasenote:ForMOSFETparallelingtheuseofferritebeadsonthegate
orseparatetotempolesisgenerallyrecommended.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj,max
650
V
RDS(on),max
37
m
Ω
Qg,typ
136
nC
ID,pulse
236
A
Eoss @ 400V
15.6
µJ
Body diode diF/dt
1300
A/µs
Type/OrderingCode
Package
Marking
RelatedLinks
IPW60R037CSFD
PG-TO 247-3
60R037CS
see Appendix A


Similar Part No. - IPW60R037CSFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R037CM8 INFINEON-IPW60R037CM8 Datasheet
1Mb / 14P
MOSFET 600V CoolMOSª CM8 Power Transistor
Rev. 2.1, 2024-03-21
More results

Similar Description - IPW60R037CSFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R024CFD7 INFINEON-IPW60R024CFD7 Datasheet
974Kb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2019-02-28
IPB60R070CFD7 INFINEON-IPB60R070CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2019-05-17
IPB60R105CFD7 INFINEON-IPB60R105CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2019-05-17
IPP60R160P7 INFINEON-IPP60R160P7 Datasheet
1Mb / 14P
600V CoolMOSª P7 Power Transistor
Rev. 2.0, 2019-02-26
IPW60R055CFD7 INFINEON-IPW60R055CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.1, 2018-02-27
IPW60R090CFD7 INFINEON-IPW60R090CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2018-02-15
IPW60R105CFD7 INFINEON-IPW60R105CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2018-04-20
IPW60R125CFD7 INFINEON-IPW60R125CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2018-02-15
IPDQ60R025CFD7 INFINEON-IPDQ60R025CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2022-11-21
IPDQ60R075CFD7 INFINEON-IPDQ60R075CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2021-09-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com