Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW60R037CSFD Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPW60R037CSFD
Description  600V CoolMOSª CSFD Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW60R037CSFD Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPW60R037CSFD Datasheet HTML 6Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 7Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 8Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 9Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 10Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 11Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 12Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 13Page - Infineon Technologies AG IPW60R037CSFD Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
600VCoolMOSªCSFDPowerTransistor
IPW60R037CSFD
Rev.2.0,2017-12-11
Final Data Sheet
Diagram13:Drain-sourcebreakdownvoltage
Tj[°C]
-50
-25
0
25
50
75
100
125
150
550
575
600
625
650
675
700
VBR(DSS)=f(Tj);ID=1mA
Diagram14:Typ.capacitances
VDS[V]
0
100
200
300
400
500
600
100
101
102
103
104
105
Ciss
Coss
Crss
C=f(VDS);VGS=0V;f=250kHz
Diagram15:Typ.Cossstoredenergy
VDS[V]
0
100
200
300
400
500
600
0
5
10
15
20
25
30
Eoss=f(VDS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com