Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF2803R3S/EM Datasheet(PDF) 2 Page - International Rectifier

Part # AMF2803R3S/EM
Description  ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2803R3S/EM Datasheet(HTML) 2 Page - International Rectifier

  AMF2803R3S/EM Datasheet HTML 1Page - International Rectifier AMF2803R3S/EM Datasheet HTML 2Page - International Rectifier AMF2803R3S/EM Datasheet HTML 3Page - International Rectifier AMF2803R3S/EM Datasheet HTML 4Page - International Rectifier AMF2803R3S/EM Datasheet HTML 5Page - International Rectifier AMF2803R3S/EM Datasheet HTML 6Page - International Rectifier AMF2803R3S/EM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.irf.com
AMF28XXS Series
Specifications
For Notes to Specifications, refer to page 5
Static Characteristics -55°C
≤ TCASE ≤ +125°C, VIN=28 VDC ±5%, C
L=0,
unless otherwise specified.
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Input Voltage
16
28
40
V
Output Voltage
AMF2803R3S
AMF2805S
AMF2807R5SS
AMF2812S
AMF2815S
AMF2803R3S
AMF2805S
AMF2807R5SS
AMF2812S
AMF2815S
1
1
1
1
1
2, 3
2, 3
2, 3
2, 3
2, 3
Vin = 28 Volts, 0% load
3.25
4.95
6.97
11.88
14.85
3.20
4.90
7.35
11.76
14.70
3.30
5.00
7.50
12.00
15.00
3.35
5.05
7.58
12.12
15.15
3.40
5.10
7.65
12.24
15.30
V
V
V
V
V
V
V
V
V
V
Output Current 1
AMF2803R3S
AMF2805S
AMF2807R5SS
AMF2812S
AMF2815S
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
Vin = 16, 28, 40 Volts
0
0
0
0
0
3000
2400
1600
1000
800
mA
mA
mA
mA
mA
Output Power 1
AMF2803R3S
All Others
1, 2, 3
1, 2, 3
Vin = 16, 28, and 40 V dc
10
12
W
W
Output Ripple Voltage 2
1, 2, 3
Vin = 16, 28, 40 Volts,
BW = 20 Hz to 2 MHz
25
60
mVPP
Output Voltage
Regulation
Line
AMF2803R3S
AMF2805S
AMF2807R5SSS
AMF2812S
AMF2815S
Load
All
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
Vin = 16, 28, 40 Volts
Iout = 0%, 50%, and 100%
max
10
10
10
10
10
10
25
25
50
50
50
50
mV
mV
mV
mV
mV
mV
Absolute Maximum Ratings
Input Voltage Range
-0.5V to +50VDC
Soldering Temperature
300°C for 10 seconds
Storage Case Temperature
65°C to +135°C
Recommended Operating Ratings
Input Voltage Range
+16V to +40VDC
Output Power
Less than or equal to 12W
Operating Case Temperature
-55°C to +125°C
Line



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com