Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF2803R3S/EM Datasheet(PDF) 4 Page - International Rectifier

Part # AMF2803R3S/EM
Description  ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2803R3S/EM Datasheet(HTML) 4 Page - International Rectifier

  AMF2803R3S/EM Datasheet HTML 1Page - International Rectifier AMF2803R3S/EM Datasheet HTML 2Page - International Rectifier AMF2803R3S/EM Datasheet HTML 3Page - International Rectifier AMF2803R3S/EM Datasheet HTML 4Page - International Rectifier AMF2803R3S/EM Datasheet HTML 5Page - International Rectifier AMF2803R3S/EM Datasheet HTML 6Page - International Rectifier AMF2803R3S/EM Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.irf.com
AMF28XXS Series
Dynamic Characteristics -55°C
≤ TCASE ≤ +125°C, VIN=28 VDC ±5%, C
L=0, unless otherwise specified.
For Notes to Specifications, refer to page 5
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
Synchronization Input
Frequency Range
Pulse Amplitude, Hi 4
Pulse Amplitude, Lo 4
Pulse Rise time 4
Pulse Duty Cycle 4
4, 5, 6
500
2.5
-0.5
20
700
10
0.8
100
80
KHz
V
V
ns
%
Output Response To Step
Transient Load Changes 5
All
AMF2803R3S
AMF2805S
AMF2807R5S
AMF2812S
AMF2815S
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
Load step 50%ó100%
Load step 0% ó50%
-300
-400
-500
-750
-750
-750
+300
+400
+500
+750
+750
+750
mV pk
mV pk
mV pk
mV pk
mV pk
mV pk
Recovery Time, Step Transient
Load Changes 5, 6
AMF2803R3S
AMF2805S
AMF2807R5S
AMF2812S
AMF2815S
All
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
Load step 50%ó100%
Load step 0% ó 50%
70
70
100
100
100
2
µS
µs
µs
µs
µs
mS
Output Response Transient Step
Line Changes 4, 7
AMF2803R3S
AMF2805S
AMF2807R5SS
AMF2812S
AMF2815S
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
Input step 16 ⇔ 40Vdc
100% Load
-500
-500
-1200
-1500
-1500
+500
+500
+1200
+1500
+1500
mV pk
mV pk
mV pk
mV pk
mV pk
Recovery Time Transient Step Line
Changes 4, 7
4, 5, 6
Input step 16 ⇔ 40Vdc, 100%
load
800
µs
Turn On Overshoot 8
AMF2803R3S
AMF2805S
AMF2807R5SS
AMF2812S
AMF2815S
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
0% load to 100% load
400
600
600
600
750
mV pk
mV pk
mV pk
mV pk
mV pk
Turn On Delay 8
4, 5, 6
0% load to 100% load
20
ms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com