Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF2805S Datasheet(PDF) 5 Page - International Rectifier

Part # AMF2805S
Description  ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2805S Datasheet(HTML) 5 Page - International Rectifier

  AMF2805S Datasheet HTML 1Page - International Rectifier AMF2805S Datasheet HTML 2Page - International Rectifier AMF2805S Datasheet HTML 3Page - International Rectifier AMF2805S Datasheet HTML 4Page - International Rectifier AMF2805S Datasheet HTML 5Page - International Rectifier AMF2805S Datasheet HTML 6Page - International Rectifier AMF2805S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
AMF28XXS Series
AMF28XXS Block Diagram
Application Information
Inhibit Function
EMI Filter
Device Synchronization
Notes to Specifications
Connecting the enable input (Pin 1) to input common
(Pin 7) will cause the converter to shut down. It is
recommended that the enable pin be driven by an
open collector device capable of sinking at least
400
µA of current. The open circuit voltage of the en-
able input is 10.0 +1 V
DC.
An optional EMI filter is available (AFH461) that will
reduce the input ripple current to levels below the
limits imposed by MIL-STD-461 CE03.
When multiple DC/DC converters are utilized in a
single system, significant low frequency noise may
be generated due to a small difference in the switch-
ing frequency of the converters (beat frequency
noise). Because of the low frequency nature of this
noise (typically less than 10 KHz), it is difficult to
filter out and may interfere with proper operation of
sensitive systems (communication, radar or telem-
etry). Advanced Analog provides synchronization
of multiple AMF type converters to match switching
frequency of the converter to the frequency of the
system clock, thus eliminating this type of noise.
3
4
+ V out
Return
P ulse W idth
M odulator
Prim ary
H ousekeeping
S upply
EM I
Filter
U nder-V oltage
Detec tor
8
1
2
7
+ Input
E nable
Sync
Input
Return
Error
Am p &
Ref
FB
CS
Driv e
6
Case
1 Parameter guaranteed by line and load regulation tests.
2 Bandwidth guaranteed by design. Tested for 20 Hz to 2 MHz.
3 Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A capacitive load in excess of
the maximum limit will not disturb loop stability but may interfere with the operation of the load fault detection circuitry, appearing
as a short circuit during turn on.
4 Parameter shall be tested as part of design characterization and after design or process changes. Therefore this Parameters shall
be guaranteed to the limit specified.
5 Load step transition time between 2 and 10 microseconds.
6 Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1 % of VOUT at 50 percent load.
7 Input step transition time between 1 and 10 microseconds. Parameter guaranteed by design but not 100% tested.
8 Turn on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin while power is applied to the input.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com