Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMF2805S Datasheet(PDF) 6 Page - International Rectifier

Part # AMF2805S
Description  ADVANCED ANALOG RADIATION TOLERANT DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AMF2805S Datasheet(HTML) 6 Page - International Rectifier

  AMF2805S Datasheet HTML 1Page - International Rectifier AMF2805S Datasheet HTML 2Page - International Rectifier AMF2805S Datasheet HTML 3Page - International Rectifier AMF2805S Datasheet HTML 4Page - International Rectifier AMF2805S Datasheet HTML 5Page - International Rectifier AMF2805S Datasheet HTML 6Page - International Rectifier AMF2805S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
www.irf.com
AMF28XXS Series
Standard Process Screening for AMF28XXS Series
Ý Per IR internal standards
Radiation Specification
Requirement
MIL-STD-883
Method
Engineering Model
(/EM)
CH+ Limits
(No-Suffix)
Temperature Range
-55°C to +125°C
-55°C to +125°C
Element Evaluation
—
MIL-PRF-38534
Internal Visual
2017
Ý
ü
Temperature Cycle
1010
Condition C
Constant Acceleration
2001
Condition A, (3000g)
PIND
2020
Condition A
Burn-in, Tcase = +125°C
1015
160 hrs
Interim Electrical
+ 25°C
Burn-in, Tcase = +125°C
48 hrs
160 hrs
Final Electrical (Group A)
MIL-PRF-38534
& Specification
-55°C, +25°C, +125°C
Read & Record Data
-55°C, +25°C, +125°C
Read & Record Data
PDA (25C, interim to final)
—
2%
Radiographic Inspection
2012
—
Yes
Fine & Gross
1014
Condition A, C
External Visual
2009
Ý
Yes
Parameter
Condition
Min
Typ
Max
Unit
Total Ionizing Dose
MIL-STD-883, Method 1019.4
Operating bias applied during exposure
25
—
—
KRads
(Si)
Heavy Ion
(Single event effects)
BNL Dual Van de Graf Generator
60
—
—
MeV •cm2
/mg



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com