Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YC-252 Datasheet(PDF) 9 Page - JST Mfg. Co., Ltd.

Part # YC-252
Description  Crimping machines and tools
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

YC-252 Datasheet(HTML) 9 Page - JST Mfg. Co., Ltd.

  YC-252 Datasheet HTML 1Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 2Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 3Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 4Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 5Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 6Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 7Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 8Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 9Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
18
Handtools
Crimping tools
Crimping tools
PH CONNECTOR High box type
PH CONNECTOR High box type
Contact and Applicable dies
J1000
L
M
S
S
M
M
L
L
2L
J1LL
J2SL
J3SL
J2ML
J3ML
J2LL
J3LL
J32LL
Yellow green
Handle unit
Upper pin
Lower pin
Case
White
J1ML
Gold
Yellow
Purple
Green
Orange
Red
Blue
J2000
J300
Series
Anvil
Common parts
Color mark
Nominal
Contact Model No.
Crimper
Receptacle
SF1F-21(*)-P0.6
SJ2F-002(*)-P1.0
SJ2F-01(*)-P1.0
SJ2F-21(*)-P1.0
SF3F-002(*)-P2.0
SF3F-01(*)-P2.0
SF3F-41(*)-P2.0
SF3F-71(*)-P2.0
SF1M-21(*)-M0.6A
SF1M-002(*)-M0.6A
J1LA / B
J1LC / D
J1MA / B
J1MC / D
J2SA / B
J2SC / D
J2MA / B
J2MC / D
J2LA / B
J3SA / B
J3SC / D
J3MA / B
J3MC / D
J3LA / B
J3LC / D
J32LA / B
SJ2M-002(*)-M1.0N
SJ2M-01(*)-M1.0N
SJ2M-01(*)-M1.0S
SJ2M-21(*)-M1.0N
SJ2M-21(*)-M1.0S
SF3M-002(*)-M2.0N
SF3M-01(*)-M2.0N
SF3M-41(*)-M2.0N
SF3M-71(*)-M2.0N
Tab
Crimper
Model No.
Applicable wire size
AWG
Insulation O.D.
(mm)
Die mark
J1MA
J1MB
J1MC
J1MD
J1LA
J1LB
J1LC
J1LD
J2SA
J2SB
J2SC
J2SD
J2MA
J2MB
J2MC
J2MD
J2LA
J2LB
J3SA
J3SB
J3SC
J3SD
J3MA
J3MB
J3MC
J3MD
J3LA
J3LB
J3LC
J3LD
J32LA
J32LB
#20
#18
#22
KV0.75
#28
#24
#26
#24
#24
#20
#24
#22
#22
#20
#28
#24
#26
#24
#24
#20
#22
#20
#20
#16
#18
#18
#16
KIV2.0
φ1.76
φ2.03
φ1.58
φ1.90
φ1.20
φ1.43
φ1.30
φ1.11
φ1.43
φ1.53
φ1.11
φ1.26
φ1.58
φ1.76
φ1.20
φ1.43
φ1.30
φ1.11
φ1.43
φ1.76
φ1.58
φ2.56
φ1.76
φ2.35
φ2.03
φ2.83
φ3.10
φ3.30
YRK-EX
• High reliability of crimping is provided by choosing the crimper and anvil suitable for the wire specification.
• The crimping die can be easily exchanged by only insertion and extraction of pin.
• Common handle and crimping dies can be stored in One case and it is easy to carry.
Dies replacement type hand crimping tools
Patent pending
Dimensions: 376×295(L)×73(D) mm
Dimensions: 75(W)×314(L)×25(D) mm
Weight: Approx. 800 g (When assembling dies)
*1
Note: 1. Surface Finish(*) : GC …Nickel-undercoated, 0.2 m selective gold plated
GF …Nickel-undercoated, 0.38 m selective gold-plated
GFA…Nickel-undercoated, 0.38 m selective gold-plated (A type)
GI …Nickel-undercoated, 0.76 m selective gold-plated
GIA …Nickel-undercoated, 0.76 m selective gold-plated (A type)
T …Tin-plated
2. The wear of parts is caused by using hand tool repeatedly.
Measure the crimping height daily and conduct periodical inspection of the wearing parts,
such as ratchet, pin and so on.
*1... Crimper is either the pair of
A and B or the pair of C and D.
*2... When using wire type UL 2517.
*3... When using wire type UL 1061.
*3
*4
*4
*4
*2
*3
*3
SF1F-002(*)-M0.6A
#28
#24
#26
#24
φ1.20
φ1.43
φ1.30
φ1.11
*4... When using wire type UL 1015.
17
エンボス
PH CONNECTOR High box type
PH CONNECTOR High box type
Crimping tools
Crimping tools
Contact and Applicable dies
J1000
L
M
ME
S
S
M
M
L
L
2L
J2000
J300
Series
Nominal
Contact Model No.
Receptacle
SF1F-21(*)-P0.6
SF1F-01GC-P0.6
SF1F-002(*)-P0.6
SJ2F-002(*)-P1.0
SJ2F-01(*)-P1.0
SJ2F-21(*)-P1.0
SF3F-002(*)-P2.0
SF3F-01(*)-P2.0
SF3F-41(*)-P2.0
SF3F-71(*)-P2.0
SF1M-21(*)-M0.6A
SF1M-002(*)-M0.6A
SF1M-01GC-M0.6A
YRK-1210
YRK-1230
YRK-1220
YRK-8852
YRK-8863
YRK-1120
YRK-8821
YRK-8811
YRK-8801
YRK-1071
LA / LB
MA / MB
MEA / MEB
MEC / MED
LC / LD
SA / SB
MA / MB
MC / MD
LA / LB
SA / SB
SC / SD
MA / MB
MC / MD
LA / LB
LC / LD
2LA / 2LB
SJ2M-002(*)-M1.0N
SJ2M-01(*)-M1.0N
SJ2M-01(*)-M1.0S
SJ2M-21(*)-M1.0N
SJ2M-21(*)-M1.0S
SF3M- 002(*)-M2.0N
SF3M-01(*)-M2.0N
SF3M-41(*)-M2.0N
SF3M-71(*)-M2.0N
Tab
Hand crimp
tools
Model No. of
crimper
Applicable wire size
AWG
Insulation O.D. (mm)
Marking
LA
LB
LC
LD
SA
SB
SC
SD
MA
MB
MC
MD
LA
LB
SA
SB
SC
SD
MA
MB
MC
MD
LA
LB
LC
LD
2LA
2LB
MA
MB
MEA
MEB
MEC
MED
#22
#22
KV0.75
#20
#18
#28
#24
#26
#24
#24
#20
#24
#22
#22
#20
#28
#24
#26
#24
#24
#20
#22
#20
#20
#16
#18
#18
#16
KIV2.0
#28
#24
#24
#20
#22
φ1.58
φ1.90
φ1.76
φ2.03
φ1.20
φ1.43
φ1.30
φ1.11
φ1.43
φ1.53
φ1.11
φ1.26
φ1.58
φ1.76
φ1.20
φ1.43
φ1.30
φ1.11
φ1.43
φ1.76
φ1.58
φ2.56
φ1.76
φ2.35
φ2.03
φ2.83
φ3.10
φ3.30
φ1.20
φ1.43
φ1.43
φ1.76
φ1.58
φ1.36
*1
*2
*3
*3
*5
YRK series hand crimping tools suitable for mass-production
• Crimping work, such as setting contacts to hand tools etc., is facilitated by using a strip contact to improve the productivity.
• A light operation enables to terminate the contact correctly, by adopting straight-ahead crimping.
• A structure, that the carrier of contact doesn't fly off, has been adopted to this tool.
YRK Standard type
• When exchanging the crimper, the crimping suitable for
the wire specification can be conducted.
• Anvil is fixed to tool.
Hand Crimping Tools
Dimensions: 75(W)×314(L)×25(D) mm
Weight: Approx. 800 g (When assembling dies)
Note: 1. Surface Finish( ) GC …Nickel-undercoated, 0.2 m selective gold-plated
GF …Nickel-undercoated, 0.38 m selective gold-plated
GFA…Nickel-undercoated, 0.38 m selective gold-plated (A type)
   
GI …Nickel-undercoated, 0.76 m selective gold-plated
GIA …Nickel-undercoated, 0.76 m selective gold-plated (A type)
T …Tin-plated
2.The wear of parts is caused by using hand tool repeatedly.
Measure the crimping height daily and conduct periodical inspection of the wearing parts,
such as ratchet, pin and so on.
*1... Crimper is either the pair of
A and B or the pair of C and D.
*2... When using wire type UL 2517.
*3... When using wire type UL 1061.
*4... When using wire type UL 1015.
*5... When using wire type UL 10442.
SC / SD
*3
*4
*4
*4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com