Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YC-252 Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # YC-252
Description  Crimping machines and tools
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

YC-252 Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  YC-252 Datasheet HTML 1Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 2Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 3Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 4Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 5Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 6Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 7Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 8Page - JST Mfg. Co., Ltd. YC-252 Datasheet HTML 9Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MKS-L
Strip-crimp applicator
for side feeding terminals
MK-L
Crimping applicator
for end-feeding terminals
MKF-L
Crimping applicator
for end-feeding flag terminals
2
1
APPLICATION TOOLING
Crimping machines and tools
Crimping machines and tools
The arrow mark indicates the press that is applicable to the applicator.
APPLICATION TOOLING
Crimping machines and tools
Crimping machines and tools
The arrow mark indicates the press that is applicable to the applicator.
Semi-automatic crimping machines (presses)
contact a wire to a chain terminal each time a
footswitch is pressed.
Semi-automatic press
AP-K2N
• Dimensions:
(W×L×H)280×480×505 mm
• Weight:
Approx. 90 kg(198 lb)
• Power source:
100 VAC, Single-phase 50/60 Hz
• Pressure output:
14.7 kN[1,500 kg(3307 lb)]
• Dies:
Applicator replacement


Similar Part No. - YC-252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YC-260R ETC2-YC-260R Datasheet
70Kb / 6P
Crimping tools
YC-270 ETC2-YC-270 Datasheet
70Kb / 6P
Crimping tools
YC-271 ETC2-YC-271 Datasheet
70Kb / 6P
Crimping tools
YC-272 ETC2-YC-272 Datasheet
70Kb / 6P
Crimping tools
More results

Similar Description - YC-252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WC-260 ETC2-WC-260 Datasheet
232Kb / 8P
Crimping tools and machines
logo
Lumberg
CAS LUMBERG-CAS Datasheet
371Kb / 3P
Tools and harnessing machines
CAS31-03 LUMBERG-CAS31-03 Datasheet
387Kb / 3P
Tools and harnessing machines
CM03-01-0364 LUMBERG-CM03-01-0364 Datasheet
374Kb / 3P
Tools and harnessing machines
CM03-03-0364 LUMBERG-CM03-03-0364 Datasheet
374Kb / 3P
Tools and harnessing machines
CZK03 LUMBERG-CZK03 Datasheet
366Kb / 3P
Tools and harnessing machines
HA35F LUMBERG-HA35F Datasheet
537Kb / 3P
Tools and harnessing machines
HA67 LUMBERG-HA67 Datasheet
667Kb / 3P
Tools and harnessing machines
HA36E-CA LUMBERG-HA36E-CA Datasheet
395Kb / 3P
Tools and harnessing machines
HA35F-RK LUMBERG-HA35F-RK Datasheet
528Kb / 3P
Tools and harnessing machines
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com