Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3623 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC3623
Description  SILICON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3623 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC3623 Datasheet HTML 1Page - Renesas Technology Corp 2SC3623 Datasheet HTML 2Page - Renesas Technology Corp 2SC3623 Datasheet HTML 3Page - Renesas Technology Corp 2SC3623 Datasheet HTML 4Page - Renesas Technology Corp 2SC3623 Datasheet HTML 5Page - Renesas Technology Corp 2SC3623 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1998
©
Document No. D13521EJ4V0DS00
Date Published April 2002 N CP(K)
Printed in Japan
SILICON TRANSISTORS
2SC3623, 3623A
NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW-FREQUENCY POWER AMPLIFIERS AND SWITCHING
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
• High hFE:
hFE = 1000 to 3200 @VCE = 5.0 V, IC = 1.0 mA
• Low VCE(sat):
VCE(sat) = 0.07 V TYP. @IC/IB = 50 mA/5.0 mA
• High VEBO:
VEBO: 12 V (2SC3623)
VEBO: 15 V (2SC3623A)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Ratings
Parameter
Symbol
2SC3623 2SC3623A
Unit
Collector to base voltage
VCBO
60
V
Collector to emitter voltage
VCEO
50
V
Emitter to base voltage
VEBO
12
15
V
Collector current (DC)
IC(DC)
150
mA
Total power dissipation
PT
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
PACKAGE DRAWING (UNIT: mm)
Electrode connection
1. Emitter (E)
2. Collector (C)
3. Base (B)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com