Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3623 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC3623
Description  SILICON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3623 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC3623 Datasheet HTML 1Page - Renesas Technology Corp 2SC3623 Datasheet HTML 2Page - Renesas Technology Corp 2SC3623 Datasheet HTML 3Page - Renesas Technology Corp 2SC3623 Datasheet HTML 4Page - Renesas Technology Corp 2SC3623 Datasheet HTML 5Page - Renesas Technology Corp 2SC3623 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Data Sheet D13521JJ4V0DS
2
2SC3623, 3623A
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 50 V, IE = 0
100
nA
Emitter cutoff current
IEBO
VEB = 10 V, IC = 0
100
nA
DC current gain
hFE1
VCE = 5.0 V, IC = 1.0 mA*
1000
1800
3200
−
DC current gain
hFE2
VCE = 5.0 V, IC = 100 mA*
200
350
DC base voltage
VBE
VCE = 5.0 V, IC = 1.0 mA*
560
mV
Collector saturation voltage
VCE(sat)
IC = 50 mA, IB = 5.0 mA*
0.07
0.30
V
Base saturation voltage
VBE(sat)
IC = 50 mA, IB = 5.0 mA*
0.8
1.2
V
Gain bandwidth product
fT
VCE = 5.0 V, IE =
−10 mA
250
MHz
Output capacitance
Cob
VCB = 5 V, IE = 0, f = 1.0 MHz
3.0
pF
Turn-on time
ton
0.13
µs
Storage time
tstg
0.72
µs
Turn-off time
toff
VCC = 10 V, VBE(off) = –2.7 V
IC = 50 mA
IB1 =
−IB2 = 1 mA
1.22
µs
* Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE CLASSIFICATION
Marking
L
K
hFE1
1000 to 2000
1600 to 3200
TYPICAL CHARACTERISTICS (Ta = 25
°°°°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com