Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3817 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC3817
Description  SILICON POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3817 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC3817 Datasheet HTML 1Page - Renesas Technology Corp 2SC3817 Datasheet HTML 2Page - Renesas Technology Corp 2SC3817 Datasheet HTML 3Page - Renesas Technology Corp 2SC3817 Datasheet HTML 4Page - Renesas Technology Corp 2SC3817 Datasheet HTML 5Page - Renesas Technology Corp 2SC3817 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document No. P11699EJ1V1DS00 (1st edition)
Date Published July 1996 P
Printed in Japan
SILICON POWER TRANSISTOR
2SC3817
FEATURES
• High efficiency, high power output and excellent linearity
obtainable at 1500-MHz band
Pout = 1.0 W, Gain = 8.0 dB TYP.
@ VCC = 13.5 V, Iq = 5 mA, class AB
• Internal emitter balance resistor
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
NPN SILICON EPITAXIAL TRANSISTOR
FOR 1500-MHz BAND POWER AMPLIFIER
INDUSTRIAL USE
PACKAGE DIMENSIONS (in millimeters)
2
± 0.2
3.6
± 0.5
12.4
± 0.2
9.2
± 0.2
4.6
± 0.2
12 3
65 4
3.6
± 0.5
2 - 2
×
φ 3.2 ± 0.3
2
± 0.2
3
± 0.2
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
35
V
Collector to Emitter Voltage
VCEO
18
V
Emitter to Base Voltage
VEBO
2.5
V
Collector Current
IC
0.5
A
Thermal Resistance (junction to case)
Rth (j-c)
21
°C/W
Total Power Dissipation
PT (TC = 25 °C)
8.3
W
Junction Temperature
Tj
200
°C
Storage Temperature
Tstg
-65 to +150
°C
©
1996
DATA SHEET
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 20 V, IE = 0
0.1
mA
Emitter Cut-off Current
IEBO
VEB = 1.5 V, IC = 0
0.1
mA
DC Current Gain
hFE
VCE = 10 V, IC = 0.1 A (pulse)
20
60
200
-
Output Capacitance
Cob
Note
VCB = 10 V, IE = 0, f = 1 MHz
5
pF
Output Power
Pout
VCC = 13.5 V, Iq = 3 mA
29.4
30
dBm
f = 1 550 MHz
0.87
1.0
W
Collector Efficiency
η
C
Pin = 22 dBm (0.16 W)
30
36
%
Note Emitter and case are grounded
PIN CONNECTIONS
1. Emitter
4. Emitter
2. Base
5. Collector
3. Emitter
6. Emitter
Flange is connected to the emitter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com