Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3817 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC3817
Description  SILICON POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3817 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC3817 Datasheet HTML 1Page - Renesas Technology Corp 2SC3817 Datasheet HTML 2Page - Renesas Technology Corp 2SC3817 Datasheet HTML 3Page - Renesas Technology Corp 2SC3817 Datasheet HTML 4Page - Renesas Technology Corp 2SC3817 Datasheet HTML 5Page - Renesas Technology Corp 2SC3817 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2
2SC3817
TYPICAL CHARACTERISTICS (TA = 25
°°°°°C)
OUTPUT POWER AND COLLECTOR EFFICIENCY
vs. INPUT POWER CURVE
SAFE OPERATING AREA
30
3
1
0.7
0.5
0.3
0.1
1
3
5
7
10
30
50
40
30
20
(1 W)
20
(0.1 W)
f = 1.55 GHz
Iq = 3 mA
VCC = 13.5 V
Class AB
Pin - Input Power - dBm
10 (10 mW)
20 (100 mW)
VCE - Collector to Emitter Voltage - V
C
η
Pout
90
100
110
120
130
0.18
0.32
0.17
0.33
0.16
0.34
0.15
0.35
0.14
0.36
0.13
0.37
0.12
0.38
0.11
0.39
0.10
0.40
0.09
0.41
0.08
0.42
0.07
0.43
50
60
70
80
0.1
50
20
10
5.0
4.0
3.0
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
ZO = 50
Ω
RESISTANCE COMPONENT
R
ZO
0.2
0.3
0.4
M
PO
N
EN
T
1.42 GHz
1.42 GHz
Zin
Zout
1.55
1.55
1.51
1.51
f (GHz)
1.42
1.51
1.55
Zin (
Ω)
3.9 + j11.5
3.9 + j11.0
4.1 + j15.2
Zout (
Ω)
10.2 - j17.1
9.5 - j16.2
9.3 - j14.3
VCC = 13.5 V, Iq = 3 mA, Pin = 22 dBm
INPUT AND OUTPUT IMPEDANCE DATA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com