Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4186 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4186
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4186 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4186 Datasheet HTML 1Page - Renesas Technology Corp 2SC4186 Datasheet HTML 2Page - Renesas Technology Corp 2SC4186 Datasheet HTML 3Page - Renesas Technology Corp 2SC4186 Datasheet HTML 4Page - Renesas Technology Corp 2SC4186 Datasheet HTML 5Page - Renesas Technology Corp 2SC4186 Datasheet HTML 6Page - Renesas Technology Corp 2SC4186 Datasheet HTML 7Page - Renesas Technology Corp 2SC4186 Datasheet HTML 8Page - Renesas Technology Corp 2SC4186 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SC4186
2
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
200
100
10
20
50
5
0.05
0.2
1
0.1
0.5
2
5
10
20
40
IC - Collector Current - mA
VCE = 10 V
70
50
20
10
2
5
1
0.5
0.6
0.7
0.8
0.9
VCE = 10 V
VBE - Base to Emitter Voltage - V
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
7
5
2
1
0.5
0.2
0.1
0.5
1
2
5
10
20
40
VCE = 10 V
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
IC - Collector Current - mA
15
10
5
0
0.5
1
2
5
10
20
40
VCE = 10 V
f = 1.0 GHz
INSERTION GAIN vs.
COLLECTOR CURRENT
IC - Collector Current - mA
3
2
1
0.5
1
2
5
10
20
VCB - Collector to Base Voltage - V
f = 1.0 MHz
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
10
8
6
4
2
0
0.5
1
5
50
20
IC - Collector Current - mA
VCE = 10 V
IE = –5.0 mA
f = 39.1 MHz
CC · rb’b vs.
COLLECTOR CURRENT
2
10
DC CURRENT GAIN vs.
COLLECTOR CURRENT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com