Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4186 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC4186
Description  SILICON TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4186 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC4186 Datasheet HTML 2Page - Renesas Technology Corp 2SC4186 Datasheet HTML 3Page - Renesas Technology Corp 2SC4186 Datasheet HTML 4Page - Renesas Technology Corp 2SC4186 Datasheet HTML 5Page - Renesas Technology Corp 2SC4186 Datasheet HTML 6Page - Renesas Technology Corp 2SC4186 Datasheet HTML 7Page - Renesas Technology Corp 2SC4186 Datasheet HTML 8Page - Renesas Technology Corp 2SC4186 Datasheet HTML 9Page - Renesas Technology Corp 2SC4186 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC4186
6
VCE = 5 V, IC = 1 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.939
–21.0
3.625
163.2
0.052
79.0
0.985
–10.0
200.00
0.894
–38.6
3.316
149.1
0.094
68.7
0.936
–17.7
300.00
0.800
–56.3
3.046
134.3
0.132
56.3
0.860
–26.4
400.00
0.754
–70.9
2.725
124.7
0.155
50.1
0.799
–30.7
500.00
0.696
–84.0
2.477
113.9
0.169
43.1
0.714
–34.7
600.00
0.661
–99.3
2.302
107.0
0.185
39.3
0.678
–37.5
700.00
0.617
–112.0
2.147
96.6
0.189
34.1
0.628
–39.6
800.00
0.575
–123.9
2.011
90.4
0.196
30.9
0.606
–42.7
900.00
0.551
–134.4
1.818
82.6
0.191
30.5
0.577
–45.0
1000.00
0.540
–144.8
1.709
76.5
0.190
27.9
0.547
–48.9
1100.00
0.530
–155.0
1.586
71.6
0.192
29.7
0.526
–51.7
1200.00
0.515
–165.7
1.512
65.6
0.193
29.4
0.494
–54.5
1300.00
0.504
–173.0
1.452
60.9
0.196
29.4
0.472
–57.0
1400.00
0.497
–179.0
1.336
56.3
0.189
30.1
0.454
–59.4
1500.00
0.517
174.8
1.267
50.9
0.189
29.7
0.444
–62.2
1600.00
0.533
168.6
1.203
49.3
0.186
35.1
0.434
–65.7
1700.00
0.540
160.4
1.133
46.1
0.188
36.8
0.423
–69.6
1800.00
0.547
154.3
1.134
43.3
0.198
41.4
0.409
–74.8
1900.00
0.549
149.2
1.094
39.7
0.209
43.3
0.398
–78.6
2000.00
0.561
144.8
1.086
34.2
0.221
43.9
0.384
–83.2
VCE = 5 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.832
–34.8
9.066
153.1
0.047
74.9
0.937
–19.1
200.00
0.719
–61.4
7.543
133.5
0.078
62.0
0.798
–31.6
300.00
0.590
–83.8
6.125
117.6
0.102
51.4
0.658
–41.5
400.00
0.514
–100.7
5.084
108.3
0.113
48.9
0.558
–45.2
500.00
0.462
–115.5
4.264
99.4
0.121
46.5
0.471
–47.5
600.00
0.432
–129.9
3.799
94.5
0.133
47.0
0.426
–48.4
700.00
0.405
–142.5
3.340
86.3
0.139
46.3
0.383
–49.2
800.00
0.389
–152.8
3.146
82.3
0.150
46.3
0.360
–50.5
900.00
0.382
–161.6
2.779
76.4
0.155
48.2
0.336
–52.2
1000.00
0.388
–170.3
2.562
71.8
0.165
47.3
0.313
–55.0
1100.00
0.396
–178.9
2.348
68.4
0.176
49.9
0.294
–57.4
1200.00
0.396
172.0
2.207
63.6
0.189
49.3
0.271
–59.8
1300.00
0.393
166.0
2.101
59.7
0.202
49.4
0.254
–62.2
1400.00
0.393
161.7
1.913
56.0
0.205
49.2
0.238
–64.8
1500.00
0.412
157.5
1.800
51.3
0.217
47.8
0.227
–67.8
1600.00
0.429
153.3
1.698
50.5
0.225
50.6
0.217
–71.7
1700.00
0.442
147.1
1.600
47.8
0.235
50.1
0.206
–76.4
1800.00
0.454
142.5
1.590
45.3
0.252
51.7
0.194
–83.2
1900.00
0.462
138.5
1.534
42.0
0.270
50.2
0.183
–88.2
2000.00
0.477
135.2
1.511
36.8
0.287
48.5
0.172
–94.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com