Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4187 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4187
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4187 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC4187 Datasheet HTML 1Page - Renesas Technology Corp 2SC4187 Datasheet HTML 2Page - Renesas Technology Corp 2SC4187 Datasheet HTML 3Page - Renesas Technology Corp 2SC4187 Datasheet HTML 4Page - Renesas Technology Corp 2SC4187 Datasheet HTML 5Page - Renesas Technology Corp 2SC4187 Datasheet HTML 6Page - Renesas Technology Corp 2SC4187 Datasheet HTML 7Page - Renesas Technology Corp 2SC4187 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC4187
4
VCE = 3 V, IC = 1 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.956
–6.2
3.189
170.4
0.021
89.3
0.997
–4.1
200.00
0.942
–11.1
3.027
163.5
0.038
79.4
0.983
–7.0
300.00
0.892
–15.7
2.961
153.2
0.057
75.3
0.950
–11.6
400.00
0.880
–20.0
2.799
149.0
0.073
75.0
0.939
–13.5
500.00
0.861
–23.8
2.696
140.2
0.086
71.4
0.887
–15.5
600.00
0.831
–30.1
2.686
136.4
0.101
70.9
0.885
–17.7
700.00
0.771
–34.2
2.583
127.3
0.114
67.5
0.857
–18.8
800.00
0.696
–37.9
2.516
121.2
0.130
65.7
0.852
–21.9
900.00
0.656
–39.1
2.352
114.7
0.138
64.8
0.834
–23.5
1000.00
0.619
–40.5
2.226
109.0
0.150
61.8
0.803
–27.2
1100.00
0.602
–44.2
2.128
105.1
0.160
62.2
0.777
–29.1
1200.00
0.568
–47.1
2.073
100.3
0.169
60.2
0.737
–31.0
1300.00
0.515
–50.4
2.000
97.0
0.186
58.6
0.708
–31.9
1400.00
0.475
–51.8
1.920
91.9
0.188
57.5
0.681
–32.7
1500.00
0.441
–52.6
1.853
88.0
0.198
55.2
0.672
–33.3
1600.00
0.417
–54.4
1.800
85.0
0.201
57.1
0.654
–34.3
1700.00
0.389
–56.5
1.758
81.6
0.211
55.8
0.645
–36.3
1800.00
0.359
–58.5
1.741
79.3
0.228
56.7
0.628
–38.0
1900.00
0.334
–59.9
1.713
74.5
0.237
55.1
0.610
–39.6
2000.00
0.312
–61.6
1.692
69.8
0.251
52.4
0.591
–41.2
VCE = 3 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.881
–12.2
6.511
161.7
0.019
87.2
0.982
–6.2
200.00
0.811
–21.2
5.892
147.7
0.034
76.6
0.938
–10.3
300.00
0.706
–28.1
5.207
133.4
0.050
71.3
0.876
–14.9
400.00
0.642
–32.5
4.598
125.8
0.061
70.9
0.840
–15.8
500.00
0.585
–35.3
4.021
116.6
0.071
69.0
0.781
–16.4
600.00
0.530
–39.9
3.721
112.3
0.083
70.2
0.772
–17.1
700.00
0.470
–42.3
3.348
103.8
0.093
68.6
0.752
–16.9
800.00
0.410
–43.3
3.227
99.4
0.106
68.7
0.749
–18.6
900.00
0.372
–41.8
2.890
93.5
0.113
69.2
0.741
–19.5
1000.00
0.347
–40.6
2.660
89.0
0.125
67.2
0.722
–22.3
1100.00
0.330
–41.5
2.474
85.9
0.135
68.2
0.705
–23.5
1200.00
0.309
–42.3
2.335
81.8
0.144
67.2
0.675
–24.9
1300.00
0.278
–43.3
2.210
78.8
0.160
66.4
0.659
–25.3
1400.00
0.253
–42.0
2.064
75.2
0.165
66.0
0.640
–25.6
1500.00
0.234
–40.0
1.952
71.7
0.177
63.9
0.642
–26.0
1600.00
0.222
–39.6
1.873
70.2
0.183
66.0
0.632
–26.9
1700.00
0.207
–40.0
1.799
67.8
0.195
64.8
0.632
–29.1
1800.00
0.186
–40.2
1.773
66.1
0.211
65.9
0.622
–30.6
1900.00
0.170
–39.3
1.739
62.4
0.223
63.8
0.608
–32.5
2000.00
0.156
–37.9
1.713
57.9
0.239
61.2
0.598
–34.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com