Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4187 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC4187
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4187 Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SC4187 Datasheet HTML 1Page - Renesas Technology Corp 2SC4187 Datasheet HTML 2Page - Renesas Technology Corp 2SC4187 Datasheet HTML 3Page - Renesas Technology Corp 2SC4187 Datasheet HTML 4Page - Renesas Technology Corp 2SC4187 Datasheet HTML 5Page - Renesas Technology Corp 2SC4187 Datasheet HTML 6Page - Renesas Technology Corp 2SC4187 Datasheet HTML 7Page - Renesas Technology Corp 2SC4187 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SC4187
5
VCE = 5 V, IC = 1 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.957
–5.9
3.166
170.5
0.020
87.6
0.998
–3.8
200.00
0.944
–10.7
3.008
163.8
0.037
82.2
0.984
–6.7
300.00
0.895
–15.2
2.944
153.6
0.055
76.7
0.953
–11.1
400.00
0.885
–19.5
2.788
149.6
0.070
75.6
0.942
–12.9
500.00
0.867
–23.1
2.688
140.9
0.083
71.7
0.891
–14.8
600.00
0.838
–29.4
2.681
137.1
0.098
71.6
0.891
–17.1
700.00
0.779
–33.3
2.582
128.1
0.111
68.2
0.865
–18.0
800.00
0.704
–36.9
2.518
122.1
0.126
66.3
0.860
–21.1
900.00
0.667
–38.1
2.353
115.5
0.134
65.6
0.843
–22.6
1000.00
0.631
–39.4
2.228
109.9
0.146
62.4
0.813
–26.4
1100.00
0.613
–43.1
2.135
106.1
0.156
62.7
0.788
–28.2
1200.00
0.581
–45.9
2.082
101.3
0.165
61.0
0.747
–30.0
1300.00
0.528
–49.1
2.005
98.0
0.181
59.7
0.720
–30.9
1400.00
0.487
–50.5
1.927
92.8
0.183
58.2
0.693
–31.6
1500.00
0.454
–51.2
1.864
89.1
0.194
56.1
0.685
–32.2
1600.00
0.431
–52.9
1.813
86.1
0.197
58.1
0.668
–33.3
1700.00
0.403
–55.0
1.767
82.6
0.206
56.8
0.660
–35.3
1800.00
0.373
–56.9
1.749
80.4
0.222
57.8
0.642
–36.8
1900.00
0.348
–58.3
1.724
75.6
0.231
56.0
0.624
–38.6
2000.00
0.326
–59.7
1.703
71.0
0.246
53.3
0.607
–39.9
VCE = 5 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.887
–11.4
6.558
162.4
0.020
84.1
0.983
–5.9
200.00
0.823
–20.1
5.978
149.0
0.034
78.8
0.943
–10.0
300.00
0.722
–26.9
5.324
134.9
0.049
71.6
0.883
–14.4
400.00
0.662
–31.3
4.734
127.5
0.060
72.1
0.848
–15.5
500.00
0.607
–34.2
4.155
118.3
0.069
70.0
0.789
–16.2
600.00
0.553
–38.8
3.876
114.1
0.080
70.9
0.781
–16.9
700.00
0.491
–41.2
3.486
105.6
0.091
69.1
0.758
–16.7
800.00
0.429
–42.6
3.234
100.7
0.103
68.9
0.756
–18.5
900.00
0.391
–41.2
3.020
95.1
0.111
69.5
0.747
–19.2
1000.00
0.366
–40.0
2.776
90.5
0.123
67.6
0.728
–22.1
1100.00
0.350
–41.0
2.585
87.4
0.132
68.7
0.710
–23.3
1200.00
0.328
–42.1
2.437
83.4
0.141
67.6
0.680
–24.6
1300.00
0.295
–43.1
2.307
80.3
0.157
67.0
0.664
–24.9
1400.00
0.270
–41.8
2.159
76.7
0.161
66.4
0.645
–25.2
1500.00
0.251
–40.0
2.037
73.3
0.173
64.5
0.647
–25.5
1600.00
0.239
–39.9
1.958
71.9
0.179
66.7
0.637
–26.3
1700.00
0.224
–40.4
1.882
69.4
0.190
65.3
0.638
–28.4
1800.00
0.204
–40.6
1.849
67.7
0.207
66.4
0.628
–29.7
1900.00
0.187
–39.9
1.818
63.9
0.218
64.5
0.614
–31.7
2000.00
0.172
–39.0
1.785
59.5
0.234
61.6
0.603
–33.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com