Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4342 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4342
Description  SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4342 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4342 Datasheet HTML 1Page - Renesas Technology Corp 2SC4342 Datasheet HTML 2Page - Renesas Technology Corp 2SC4342 Datasheet HTML 3Page - Renesas Technology Corp 2SC4342 Datasheet HTML 4Page - Renesas Technology Corp 2SC4342 Datasheet HTML 5Page - Renesas Technology Corp 2SC4342 Datasheet HTML 6Page - Renesas Technology Corp 2SC4342 Datasheet HTML 7Page - Renesas Technology Corp 2SC4342 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON POWER TRANSISTOR
2SC4342
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
FOR HIGH-SPEED SWITCHING
DATA SHEET
Document No. D14862EJ3V0DS00 (3rd edition)
Date Published July 2004 NS CP(K)
Printed in Japan
2002
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SC4342
TO-126 (MP-5)
DESCRIPTION
The 2SC4342 is a high-speed Darlington power transistor.
This transistor is ideal for high-precision control such as PWM
control for pulse motors or blushless of OA and FA equipment.
FEATURES
• On-chip C-to-E reverse diode
• Fast switching speed
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
150
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
8.0
V
Collector Current (DC)
IC(DC)
±3.0
A
Collector Current (pulse)
IC(pulse)
Note
±5.0
A
Base Current (DC)
IB(DC)
0.3
A
Total Power Dissipation (TA = 25°C)
PT1
1.3
W
Total Power Dissipation (TC = 25°C)
PT2
12
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note PW
≤ 10 ms, Duty Cycle ≤ 50%
The mark
★ shows major revised points.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com