Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4342 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4342
Description  SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4342 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4342 Datasheet HTML 1Page - Renesas Technology Corp 2SC4342 Datasheet HTML 2Page - Renesas Technology Corp 2SC4342 Datasheet HTML 3Page - Renesas Technology Corp 2SC4342 Datasheet HTML 4Page - Renesas Technology Corp 2SC4342 Datasheet HTML 5Page - Renesas Technology Corp 2SC4342 Datasheet HTML 6Page - Renesas Technology Corp 2SC4342 Datasheet HTML 7Page - Renesas Technology Corp 2SC4342 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D14862EJ3V0DS
2
2SC4342
ELECTRICAL CHARACTERISTICS (TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 100 V, IE = 0 A
1.0
µA
Emitter Cut-off Current
IEBO
VEB = 5.0 V, IC = 0 A
5.0
mA
DC Current Gain
Note
hFE1
VCE = 2.0 V, IC = 1.5 A
2000
20000
hFE2
VCE = 2.0 V, IC = 3.0 A
1000
Collector Saturation Voltage
Note
VCE(sat)
IC = 1.5 A, IB = 1.5 mA
1.5
V
Base Saturation Voltage
Note
VBE(sat)
IC = 1.5 A, IB = 1.5 mA
2.0
V
Turn-on Time
ton
IC = 1.5 A, RL = 33
Ω
0.3
µs
Storage Time
tstg
IB1 =
−IB2 = 3.0 mA, VCC 50 V
1.5
µs
Fall Time
tf
Refer fo the switching time (ton, tstg, tf)
test circuit
0.4
µs
Note Pulsed test PW
≤ 350
µs, Duty Cycle ≤ 2%
hFE CLASSIFICATION
Marking
M
L
K
hFE1
2000 to 5000
4000 to 10000
8000 to 20000
SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT
VCC
RL
IB1
IB2
IC
IC
T.U.T.
VIN
PW
PW = 50 s
VBB =
−5.0 V
Duty Cycle
≤ 2%
Base current
waveform
Collector current
waveform
ton
tstg tf
90%
IB1
IB2
10%
.
.
.
.
µ
★



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com