Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4571 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4571
Description  NPN SILICON RF TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4571 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4571 Datasheet HTML 1Page - Renesas Technology Corp 2SC4571 Datasheet HTML 2Page - Renesas Technology Corp 2SC4571 Datasheet HTML 3Page - Renesas Technology Corp 2SC4571 Datasheet HTML 4Page - Renesas Technology Corp 2SC4571 Datasheet HTML 5Page - Renesas Technology Corp 2SC4571 Datasheet HTML 6Page - Renesas Technology Corp 2SC4571 Datasheet HTML 7Page - Renesas Technology Corp 2SC4571 Datasheet HTML 8Page - Renesas Technology Corp 2SC4571 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 15 V, IE = 0 mA
−
−
100
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
−
−
100
nA
Collector Saturation Voltage
VCE(sat)
hFE = 10, IC = 5 mA
−
−
0.5
V
DC Current Gain
hFE
Note 1
VCE = 5 V, IC = 5 mA
40
100
200
−
RF Characteristics
Gain Bandwidth Product
fT
VCE = 5 V, IC = 5 mA, f = 1.0 GHz
−
5.0
–
GHz
Insertion Power Gain
S21e2 VCE = 5 V, IC = 5 mA, f = 1.0 GHz
5.0
−
−
dB
Output Capacitance
Cob
Note 2
VCB = 5 V, IE = 0 mA, f = 1.0 MHz
−
0.9
1.2
pF
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
T75
T76
T77
Marking
T75
T76
T77
hFE Value
40 to 80
60 to 120
100 to 200
Data Sheet PU10513EJ01V0DS
2
2SC4571



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com