Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4571 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC4571
Description  NPN SILICON RF TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4571 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC4571 Datasheet HTML 1Page - Renesas Technology Corp 2SC4571 Datasheet HTML 2Page - Renesas Technology Corp 2SC4571 Datasheet HTML 3Page - Renesas Technology Corp 2SC4571 Datasheet HTML 4Page - Renesas Technology Corp 2SC4571 Datasheet HTML 5Page - Renesas Technology Corp 2SC4571 Datasheet HTML 6Page - Renesas Technology Corp 2SC4571 Datasheet HTML 7Page - Renesas Technology Corp 2SC4571 Datasheet HTML 8Page - Renesas Technology Corp 2SC4571 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Frequency f (GHz)
INSERTION POWER GAIN
vs. FREQUENCY
Collector Current IC (mA)
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
25
20
15
10
5
0
0.2
0.5
0.1
1.0
2.0
5.0
IC = 5 mA
VCE = 5 V
8
4
16
12
0
0.5
1
5
210
20
50
f = 1 GHz
VCE = 5 V
VCE = 3 V
VCE = 3 V
Remark The graphs indicate nominal characteristics.
S-PARAMETERS
S-parameters/Noise parameters are provided on the NEC Compound Semiconductor Devices Web site in a form
(S2P) that enables direct import to a microwave circuit simulator without keyboard input.
Click here to download S-parameters.
[RF and Microwave]
→ [Device Parameters]
URL http://www.ncsd.necel.com/
Data Sheet PU10513EJ01V0DS
4
2SC4571



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com