Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4783 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC4783
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4783 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC4783 Datasheet HTML 1Page - Renesas Technology Corp 2SC4783 Datasheet HTML 2Page - Renesas Technology Corp 2SC4783 Datasheet HTML 3Page - Renesas Technology Corp 2SC4783 Datasheet HTML 4Page - Renesas Technology Corp 2SC4783 Datasheet HTML 5Page - Renesas Technology Corp 2SC4783 Datasheet HTML 6Page - Renesas Technology Corp 2SC4783 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
NPN SILICON EPITAXIAL TRANSISTOR
2SC4783
NPN SILICON EPITAXIAL TRANSISTOR
DATA SHEET
Document No. D15616EJ2V0DS00 (2nd edition)
Date Published October 2004 NS CP(K)
Printed in Japan
2001
The mark
shows major revised points.
DESCRIPTION
The 2SC4783 is NPN silicon epitaxial transistor.
FEATURES
• High DC current gain: hFE2 = 200 TYP.
• High voltage: VCEO = 50 V
• Can be automatically mounted
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SC4783
SC-75 (USM)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current (DC)
IC(DC)
100
mA
Collector Current (pulse)
Note1
IC(pulse)
200
mA
Total Power Dissipation
Note2
PT
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
–55 to + 150
°C
Notes 1. PW
≤ 10 ms, Duty Cycle ≤ 50%
2. When mounted on ceramic substrate of 3.0 cm
2 x 0.64 mm
PACKAGE DRAWING (Unit: mm)
0.3
2
0.2
+0.1
–0
0.5
1: Emitter
2: Base
3: Collector
0.5
1.0
1.6 ± 0.1
3
1
0.6
0.75 ± 0.05
0 to 0.1
0.15
+0.1
–0.05
+0.1
–0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com