Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4783 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC4783
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4783 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC4783 Datasheet HTML 1Page - Renesas Technology Corp 2SC4783 Datasheet HTML 2Page - Renesas Technology Corp 2SC4783 Datasheet HTML 3Page - Renesas Technology Corp 2SC4783 Datasheet HTML 4Page - Renesas Technology Corp 2SC4783 Datasheet HTML 5Page - Renesas Technology Corp 2SC4783 Datasheet HTML 6Page - Renesas Technology Corp 2SC4783 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Data Sheet D15616EJ2V0DS
3
2SC4783
TYPICAL CHARACTERISTICS (TA = 25°C)
COLLECTOR CURRENT vs. COLLECTOR TO
EMITTER VOLTAGE
0
0.5
1.0
1.5
2.0
100
80
60
40
20
0.2
0.3
0.4
0.5
0.6
0.8
0.7
0.9
1.0
IB = 0.1 mA
VCE - Collector to Emitter Voltage - V
COLLECTOR AND BASE SATURATION VOLTAGE vs.
COLLECTOR CURRENT
5
2
1
10
100
20
50
1
0.2
0.5
0.1
0.05
0.02
0.01
IC = 10 IB
.
IC - Collector Current - mA
VCE(sat)
VBE(sat)
OUTPUT CAPACITANCE vs. REVERSE VOLTAGE
5
2
1
10
100
20
50
10
2
5
1
0.5
0.2
0.1
f = 1.0 MHz
VCB - Collector to Base Voltage - V
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VBE - Base to Emitter Voltage - V
0.4
0.5
0.6
0.7
0.8
0.9
1.0
100
10
30
1
3
0.1
0.3
0.01
0.03
VCE = 6.0 V
COLLECTOR CURRENT vs. COLLECTOR TO
EMITTER VOLTAGE
20
10
30
40
50
10
8
6
4
2
0
IB = 5.0
µA
45
40
35
30
25
20
15
10
VCE - Collector to Emitter Voltage - V
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
0
100
125
75
25
150
200
300
Free air
250
150
50
50
100
When
mounted
on
ceramic
substrate
of
3.0
cm
x 0.64
mm
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com